Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F015 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C8051F015
Description  Mixed-Signal 32KB ISP FLASH MCU Family
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F015 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C8051F015 Datasheet HTML 1Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 2Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 3Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 4Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 5Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 6Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 7Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 8Page - List of Unclassifed Manufacturers C8051F015 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 170 page
background image
Page 2
CYGNAL Integrated Products, Inc.
 2001
4.2001; Rev. 1.3
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
PRELIMINARY
TABLE OF CONTENTS
1.
SYSTEM OVERVIEW ....................................................................................................... 8
Table 1.1. Product Selection Guide....................................................................................................................8
Figure 1.1. C8051F000/05/10/15 Block Diagram..............................................................................................9
Figure 1.2. C8051F001/06/11/16 Block Diagram............................................................................................10
Figure 1.3. C8051F002/07/12/17 Block Diagram............................................................................................11
1.1. CIP-51TM CPU ...........................................................................................................................................12
Figure 1.4. Comparison of Peak MCU Execution Speeds................................................................................12
Figure 1.5. On-Board Clock and Reset ............................................................................................................13
1.2. On-Board Memory .....................................................................................................................................14
Figure 1.6. On-Board Memory Map ................................................................................................................14
1.3. JTAG Debug and Boundary Scan ..............................................................................................................15
Figure 1.7. Debug Environment Diagram ........................................................................................................15
1.4. Programmable Digital I/O and Crossbar ....................................................................................................16
Figure 1.8. Digital Crossbar Diagram ..............................................................................................................16
1.5. Programmable Counter Array ....................................................................................................................17
Figure 1.9. PCA Block Diagram ......................................................................................................................17
1.6. Serial Ports .................................................................................................................................................17
1.7. Analog to Digital Converter .......................................................................................................................18
Figure 1.10. ADC Diagram ..............................................................................................................................18
1.8. Comparators and DACs..............................................................................................................................19
Figure 1.11. Comparator and DAC Diagram ...................................................................................................19
2.
ABSOLUTE MAXIMUM RATINGS*............................................................................ 20
3.
GLOBAL DC ELECTRICAL CHARACTERISTICS .................................................. 20
4.
PINOUT AND PACKAGE DEFINITIONS.................................................................... 21
Table 4.1. Pin Definitions ................................................................................................................................21
Figure 4.1. TQFP-64 Pinout Diagram..............................................................................................................23
Figure 4.2. TQFP-64 Package Drawing ...........................................................................................................24
Figure 4.3. TQFP-48 Pinout Diagram..............................................................................................................25
Figure 4.4. TQFP-48 Package Drawing ...........................................................................................................26
Figure 4.5. LQFP-32 Pinout Diagram ..............................................................................................................27
Figure 4.6. LQFP-32 Package Drawing ...........................................................................................................28
5.
ADC (12-Bit, C8051F000/1/2/5/6/7 Only) ........................................................................ 29
Figure 5.1. 12-Bit ADC Functional Block Diagram.........................................................................................29
5.1. Analog Multiplexer and PGA.....................................................................................................................29
5.2. ADC Modes of Operation ..........................................................................................................................30
Figure 5.2. 12-Bit ADC Track and Conversion Example Timing....................................................................30
Figure 5.3. Temperature Sensor Transfer Function..........................................................................................31
Figure 5.4. AMX0CF: AMUX Configuration Register (C8051F00x) .............................................................31
Figure 5.5. AMX0SL: AMUX Channel Select Register (C8051F00x)............................................................32
Figure 5.6. ADC0CF: ADC Configuration Register (C8051F00x) ..................................................................33
Figure 5.7. ADC0CN: ADC Control Register (C8051F00x) ...........................................................................34
Figure 5.8. ADC0H: ADC Data Word MSB Register (C8051F00x) ..............................................................35
Figure 5.9. ADC0L: ADC Data Word LSB Register (C8051F00x)................................................................35
5.3. ADC Programmable Window Detector......................................................................................................36
Figure 5.10. ADC0GTH: ADC Greater-Than Data High Byte Register (C8051F00x)....................................36
Figure 5.11. ADC0GTL: ADC Greater-Than Data Low Byte Register (C8051F00x).....................................36
Figure 5.12. ADC0LTH: ADC Less-Than Data High Byte Register (C8051F00x).........................................36
Figure 5.13. ADC0LTL: ADC Less-Than Data Low Byte Register (C8051F00x) ..........................................36
Figure 5.14. 12-Bit ADC Window Interrupt Examples, Right Justified Data ..................................................37
Figure 5.15. 12-Bit ADC Window Interrupt Examples, Left Justified Data ....................................................38
Table 5.1. 12-Bit ADC Electrical Characteristics ............................................................................................39


Similar Part No. - C8051F015

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F015 SILABS-C8051F015 Datasheet
5Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F015 SILABS-C8051F015 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
logo
List of Unclassifed Man...
C8051F015DK ETC-C8051F015DK Datasheet
42Kb / 2P
   C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
More results

Similar Description - C8051F015

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F000 SILABS-C8051F000_V01 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
C8051F005-GQR SILABS-C8051F005-GQR Datasheet
1Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F000 SILABS-C8051F000_03 Datasheet
5Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com