Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4BSPBX3680Z_F_ Datasheet(PDF) 3 Page - Kemet Corporation

Part # C4BSPBX3680Z_F_
Description  BOX CAPACITORS, IGBT APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4BSPBX3680Z_F_ Datasheet(HTML) 3 Page - Kemet Corporation

  C4BSPBX3680Z_F_ Datasheet HTML 1Page - Kemet Corporation C4BSPBX3680Z_F_ Datasheet HTML 2Page - Kemet Corporation C4BSPBX3680Z_F_ Datasheet HTML 3Page - Kemet Corporation C4BSPBX3680Z_F_ Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15
C4BT
MKP Series
BOX CAPACITORS
SWITCHING APPLICATIONS
PEAK VOLTAGE TABLE
Un
250 V
400 V
600 V
700 V
850 V
Û
MAX
400 V
600 V
800 V
1000 V
1200V
Code
C
µF
Un
Vdc
U
RMS
Vac
dv/dt
V/µs
I
PKR
A
ESR
max @ 100 kHz
ESL
I
RMS
100 kHz @ 70°C
DIMENSIONS
mm
mΩ
nH
A
B
H
L
C4BTDBX4470ZEE_
4.7
250
160
59
279
2.6
36
22
18
33
32
C4BTDBX4680ZEE_
6.8
250
160
59
403
1.9
36
26
18
33
32
C4BTDBX5100Z_F_
10
250
160
40
402
2.6
41
27
20
40
41.5
C4BTDBX5150Z_F_
15
250
160
40
602
1.8
41
32
20
40
41.5
C4BTDBX5200Z_J_
20
250
160
40
803
1.4
36
39
28
37
42.5
C4BTDBX5250Z_H_
25
250
160
40
1004
1.2
43
43
24
44
42
C4BTDBX5300Z_L_
30
250
160
40
1205
1.0
43
50
30
45
42
C4BTDBX5400Z_M_
40
250
160
27
1082
1.5
45
46
30
45
57.5
C4BTDBX5500Z_N_
50
250
160
27
1353
1.2
48
54
35
50
57.5
C4BTDBX5600Z_N_
60
250
160
27
1624
1.1
48
58
35
50
57.5
C4BTFBX4330ZEE_
3.3
400
250
74
245
3.0
36
21
18
33
32
C4BTFBX4400ZEE_
4
400
250
74
296
2.5
36
23
18
33
32
C4BTFBX4400Z_F_
4
400
250
50
201
4.9
41
19
20
40
41.5
C4BTFBX4500ZEE_
5
400
250
74
370
2.0
36
25
18
33
32
C4BTFBX4500Z_F_
5
400
250
50
251
4.0
41
22
20
40
41.5
C4BTFBX4680Z_F_
6.8
400
250
50
341
3.0
41
25
20
40
41.5
C4BTFBX5100Z_F_
10
400
250
50
502
2.1
41
30
20
40
41.5
C4BTFBX5125Z_J_
12.5
400
250
50
627
1.7
36
35
28
37
42.5
C4BTFBX5150Z_J_
15
400
250
50
753
1.5
36
38
28
37
42.5
C4BTFBX5200Z_L_
20
400
250
50
1004
1.2
43
46
30
45
42
C4BTFBX5250Z_M_
25
400
250
34
846
1.8
45
41
30
45
57.5
C4BTFBX5300Z_M_
30
400
250
34
1015
1.6
45
45
30
45
57.5
C4BTFBX5350Z_N_
35
400
250
34
1184
1.4
48
52
35
50
57.5
C4BTFBX5400Z_N_
40
400
250
34
1353
1.2
48
54
35
50
57.5
C4BTHBX4250ZEE_
2.5
600
330
104
259
2.9
36
21
18
33
32
C4BTHBX4250Z_F_
2.5
600
330
70
176
5.7
41
18
20
40
41.5
C4BTHBX4300Z_F_
3
600
330
70
211
4.8
41
20
20
40
41.5
C4BTHBX4400Z_F_
4
600
330
70
281
3.6
41
23
20
40
41.5
C4BTHBX4500Z_F_
5
600
330
70
351
2.9
41
25
20
40
41.5
C4BTHBX4680Z_J_
6.8
600
330
70
478
2.2
41
31
28
37
42.5
C4BTHBX4800Z_H_
8
600
330
70
562
1.9
43
34
24
44
42
C4BTHBX5100Z_L_
10
600
330
70
703
1.6
43
40
30
45
42
C4BTHBX5125Z_M_
12.5
600
330
47
592
2.5
45
35
30
45
57.5
C4BTHBX5150Z_M_
15
600
330
47
710
2.1
45
38
30
45
57.5
C4BTHBX5200Z_N_
20
600
330
47
947
1.7
48
47
35
50
57.5
C4BTJBX4150ZEE_
1.5
700
400
119
178
4.2
36
18
18
33
32
C4BTJBX4150Z_F_
1.5
700
400
80
120
8.2
41
15
20
40
41.5
C4BTJBX4200ZEE_
2
700
400
119
237
3.2
36
20
18
33
32
C4BTJBX4200Z_F_
2
700
400
80
161
6.2
41
17
20
40
41.5
C4BTJBX4220Z_F_
2.2
700
400
80
177
5.7
41
18
20
40
41.5
C4BTJBX4300Z_F_
3
700
400
80
241
4.2
41
21
20
40
41.5
C4BTJBX4400Z_F_
4
700
400
80
321
3.2
41
24
20
40
41.5
C4BTJBX4500Z_J_
5
700
400
80
402
2.6
36
29
28
37
42
C4BTJBX4800Z_L_
8
700
400
80
642
1.7
43
38
30
45
42
C4BTJBX5100Z_M_
10
700
400
54
541
2.7
45
34
30
45
57.5
C4BTJBX5150Z_N_
15
700
400
54
812
1.9
48
44
35
50
57.5
C4BTMBX4100ZEE_
1
850
450
148
148
5.1
36
16
18
33
32
C4BTMBX4100Z_F_
1
850
450
100
100
9.9
41
14
20
40
41.5
C4BTMBX4150Z_F_
1.5
850
450
100
151
6.7
41
17
20
40
41.5
C4BTMBX4200Z_F_
2
850
450
100
201
5.1
41
19
20
40
41.5
C4BTMBX4300Z_F_
3
850
450
100
301
3.4
41
23
20
40
41.5
C4BTMBX4400Z_H_
4
850
450
100
402
2.6
43
29
24
44
42
C4BTMBX4500Z_L_
5
850
450
100
502
2.2
43
34
30
45
42
C4BTMBX4800Z_N_
8
850
450
68
541
2.8
48
37
35
50
57.5
C4BTMBX5100Z_N_
10
850
450
68
677
2.3
48
40
35
50
57.5
GENERAL CHARACTERISTICS


Similar Part No. - C4BSPBX3680Z_F_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4BSPBX3680ZAFJ KEMET-C4BSPBX3680ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX3680ZBFJ KEMET-C4BSPBX3680ZBFJ Datasheet
113Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results

Similar Description - C4BSPBX3680Z_F_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKP KEMET-MKP Datasheet
278Kb / 4P
   BOX CAPACITORS
logo
ON Semiconductor
AFGB30T65SQDN ONSEMI-AFGB30T65SQDN Datasheet
235Kb / 9P
   IGBT for Automotive Applications
January, 2019 ??Rev. 0
logo
Dubilier
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
   CAPACITORS BOX POLYESTER LBMP
LBPP0.1160K7.5 DUBILIER-LBPP0.1160K7.5 Datasheet
205Kb / 6P
   CAPACITORS BOX POLYPROPYLENE LBPP
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
   CAPACITORS 5mm BOX POLYESTER MMP
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
STMicroelectronics
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
   Developing IGBT applications using an TD350 advanced IGBT driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com