Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGB10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UGB10
Description  Dual Ultrafast Soft Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGB10 Datasheet(HTML) 3 Page - Vishay Siliconix

  UGB10 Datasheet HTML 1Page - Vishay Siliconix UGB10 Datasheet HTML 2Page - Vishay Siliconix UGB10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BYQ28E, BYQ28EF, BYQ28EB, UG10DCT, UGF10DCT, UGB10DCT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88549
www.vishay.com
27-Jun-03
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
100
10
Typical Reverse Characteristics Per Leg
1.0
0.1
0.01
Forward Current Derating Curve
0
5
15
0
50
100
150
10
Number of Cycles at 60 HZ
Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
1
10
100
110
100
Case Temperature (
°C)
1.0
10
100
1000
0.1
TJ = 125
°C
100
°C
25
°C
Resistive or Inductive Load
TJ = 25
°C
TJ = 125
°C
110
100
10
100
1
0.1
Reverse Voltage (V)
TJ = 125
°C
f = 1.0 MHZ
Vsig = 50mVp-p
0.2
0.4
0.8
1.4
0.6
1.0
1.2
Pulse Width = 300
µs
1% Duty Cycle
TC = 105
°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 100
°C
Reverse Switching
Characteristics Per Leg
0
50
25
50
75
100
125
10
20
30
40
@5A, 50A/
µs
@2A, 20A/
µs
@2A, 20A/
µs
@1A, 100A/
µs
@5A, 50A/
µs
20
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
Typical Junction Capacitance Per Leg
Typical Instantaneous
Forward Characteristics Per Leg
Instantaneous Forward Voltage (V)
Junction Temperature (
°C)
@1A, 100A/
µs
trr
Qrr


Similar Part No. - UGB10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGB10 VISHAY-UGB10 Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
logo
General Semiconductor
UGB10ACT GE-UGB10ACT Datasheet
86Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10BCT GE-UGB10BCT Datasheet
86Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
logo
Vishay Siliconix
UGB10BCT VISHAY-UGB10BCT Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
logo
General Semiconductor
UGB10CCT GE-UGB10CCT Datasheet
86Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
More results

Similar Description - UGB10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E VISHAY-BYQ28E Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
BYT28 VISHAY-BYT28_07 Datasheet
158Kb / 5P
   Dual Ultrafast Soft Recovery Rectifier
Revision: 06-Nov-07
BYT28 VISHAY-BYT28 Datasheet
47Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X100D100J ADPOW-APT2X100D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com