Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE0203D04DF Datasheet(PDF) 2 Page - Kemet Corporation

Part # AE0203D04DF
Description  Multilayer Piezoelectric Actuators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AE0203D04DF Datasheet(HTML) 2 Page - Kemet Corporation

  AE0203D04DF Datasheet HTML 1Page - Kemet Corporation AE0203D04DF Datasheet HTML 2Page - Kemet Corporation AE0203D04DF Datasheet HTML 3Page - Kemet Corporation AE0203D04DF Datasheet HTML 4Page - Kemet Corporation AE0203D04DF Datasheet HTML 5Page - Kemet Corporation AE0203D04DF Datasheet HTML 6Page - Kemet Corporation AE0203D04DF Datasheet HTML 7Page - Kemet Corporation AE0203D04DF Datasheet HTML 8Page - Kemet Corporation AE0203D04DF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0101_AE • 4/6/2016
Multilayer Piezoelectric Actuators – AE Series Resin Coated
Outer Dimensions in mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Outer Dimensions
Note:
Factory-shipped polarization : Red lead wire=(+),
White lead wire =(-)
Above drawings do not include dimension of wire
connection area and diameter of the wire. Please contact
us for details.
W1
W2
T1
T2
W3
W1
W2
T1
T2
W3
Unit:mm
Model
H
T1
W1
T2
W2
W3
L
AE0203D04DF
5±0.1
2±0.1
3±0.1
2.4Max
3.4Max
5.5Max
100
AE0203D08H09DF
9±0.1
AE0203D08DF
10±0.1
AE0203D18H18DF
18±0.1
AE0203D16DF
20±0.1
AE0203D44H40DF
40±0.1
AE0505D08H09DF
9±0.1
5±0.1
5±0.1
5.4Max
5.4Max
7.5Max
AE0505D08DF
10±0.1
AE0505D18H18DF
18±0.1
AE0505D16DF
20±0.1
AE0505D44H40DF
40±0.1
AE0707D08H09DF
9±0.1
7±0.1
7±0.1
7.4Max
7.4Max
9.5Max
AE0707D08DF
10±0.1
AE0707D18H18DF
18±0.1
AE0707D16DF
20±0.1
AE0707D44H40DF
40±0.1
AE1010D08H09DF
9±0.1
10±0.1
10±0.1
10.4Max
10.4Max
12.5Max
AE1010D18H18DF
18±0.1
AE1010D16DF
20±0.1
AE1010D44H40DF
40±0.1
AE1414D16DF
20±0.1
14.2±0.1
14.2±0.1
14.6Max
14.6Max
16.7Max
AE2525D15DF
20±0.1
25.1±0.1
25.1±0.1
25.5Max
25.5Max
27.6Max
*L=Length of lead wire
Overall length 10,20mm Products
Overall length 5,9,18 and 40mm Products
8 Multilayer Piezoelectric Actuators Vol.08
Part Number
H
T
1
W
1
T
2
W
2
W
3
L
AE0203D04DF
5 ±0.1
2 ±0.1
3 ±0.1
2.4
Maximum
3.4
Maximum
5.5
Maximum
100
AE0203D08DF
10 ±0.1
AE0203D16DF
20 ±0.1
AE0203D44H40DF
40 ±0.1
AE0505D08DF
10 ±0.1
5 ±0.1
5 ±0.1
5.4
Maximum
5.4
Maximum
7.5
Maximum
AE0505D16DF
20 ±0.1
AE0505D44H40DF
40 ±0.1
AE1010D16DF
20 ±0.1
10 ±0.1
10 ±0.1
10.4
Maximum
10.4
Maximum
12.5
Maximum
AE1010D44H40DF
40 ±0.1
Wire Diameter
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Lead wire: Copper wire with Tin plating
Coating: PTFE(Polytetrafluoroethylene)
Unit:mm
Model Number
AWG
φd
φD
L
UL
number
AE0203D04DF
30
0.3
0.5
100
1993
AE0203D08H09DF
AE0203D08DF
AE0203D18H18DF
AE0203D16DF
AE0203D44H40DF
AE0505D08H09DF
AE0505D08DF
AE0505D18H18DF
26
0.5
0.8
AE0505D16DF
AE0505D44H40DF
AE0707D08H09DF
30
0.3
0.5
AE0707D08DF
AE0707D18H18DF
26
0.5
0.8
AE0707D16DF
AE0707D44H40DF
AE1010D08H09DF
30
0.3
0.5
AE1010D18H18DF
26
0.5
0.8
AE1010D16DF
AE1010D44H40DF
AE1414D16DF
AE2525D15DF
L
φd =Diameter of lead wire
φD =Outer diameter including the thickness of coating
L =Length of lead wire
Wire diameter
Special Design Parts
Non-standard parts are available per order basis.
Please use the guideline below as reference regarding
generated displacement and generated force.
Displacement: Roughly proportional to the
element length
Generated force: Roughly proportional to the
sectional area of the element
Shape: Product cross-section: 1mm×1mm square
or larger
Product length: 1mm or longer
Can be provided in cylindrical ring or
other shapes.
Please contact us for further details.
Example of special design parts
AL1.65×1.65×5DF
AE1.65×1.65×5DF
Condition
Ceramic Dimension
1.65×1.65×5mm
1.65×1.65×5mm
Maximum Operating Voltage(V)
±10V
150VDC
Displacement
(300nmp-p
(4μm)
At maximum operating voltage
Capacitance(nF)
90
43
f=1kHz, V=1Vrms
Operating Temperature
-25~+85℃
Small size piezo actuator
Multilayer Piezoelectric Actuators Vol.08 9
Part Number
AWG
Ød
ØD
L
UL Number
AE0203D04DF
30
0.3
0.5
100
1993
AE0203D08DF
AE0203D16DF
AE0203D44H40DF
AE0505D08DF
AE0505D16DF
26
0.5
0.8
AE0505D44H40DF
AE1010D16DF
26
0.5
0.8
AE1010D44H40DF


Similar Part No. - AE0203D04DF

ManufacturerPart #DatasheetDescription
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
Kemet Corporation
AE0203D04DF KEMET-AE0203D04DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0203D04DF KEMET-AE0203D04DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE0203D04DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com