Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE0505D44H40DF Datasheet(PDF) 5 Page - Kemet Corporation

Part # AE0505D44H40DF
Description  Multilayer Piezoelectric Actuators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AE0505D44H40DF Datasheet(HTML) 5 Page - Kemet Corporation

  AE0505D44H40DF Datasheet HTML 1Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 2Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 3Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 4Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 5Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 6Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 7Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 8Page - Kemet Corporation AE0505D44H40DF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0101_AE • 4/6/2016
Multilayer Piezoelectric Actuators – AE Series Resin Coated
Electrical Characteristics cont’d
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Fig-7 Voltage vs. Displacement in time
Fig-8 Heat generation vs. Drive frequency-1
0
10
20
30
Ambient Temperature:23℃
Voltage
Model:AE0505D16F
-20
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
Time(sec)
Driving signal waveform: Sine wave (150Vp-p)
Model:AE0505D16
80
70
60
1 kHz
500 Hz
100 Hz
50 Hz
200 Hz
50
40
30
20
10
0
100
200
300
Time(sec)
100
80
60
40
20
10
100
1000
Model: AE0505D16
Temperature measurement:5 minutes later from operation
40 V
100 V
150 V
20 V
50 V
75 V
Driving frequency(Hz)
Fig-9 Heat generation vs. Drive frequency-2
Peak voltage DC bias
Symbol
Fig-6 Temperature vs. Displacement
-40
-20
0
20
40
60
80
100
Temperature(℃)
-20
-10
0
10
20
30
40
50
⊿L0
⊿L150
⊿L150-⊿L0
Voltage(V)
⊿L0
⊿L150
⊿L150-⊿L0
AE0505D16
(5×5×20mm)
-5
0
5
10
15
20
75
0
150
Multilayer Piezoelectric Actuators Vol.08 11


Similar Part No. - AE0505D44H40DF

ManufacturerPart #DatasheetDescription
logo
NEC
AE0505D44H40DF NEC-AE0505D44H40DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE0505D44H40DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com