Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6530 Datasheet(PDF) 2 Page - Mallory performance club

Part # 6530
Description  The Gray Tach Output Terminal produces
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6530 Datasheet(HTML) 2 Page - Mallory performance club

  6530 Datasheet HTML 1Page - Mallory performance club 6530 Datasheet HTML 2Page - Mallory performance club 6530 Datasheet HTML 3Page - Mallory performance club 6530 Datasheet HTML 4Page - Mallory performance club 6530 Datasheet HTML 5Page - Mallory performance club 6530 Datasheet HTML 6Page - Mallory performance club 6530 Datasheet HTML 7Page - Mallory performance club 6530 Datasheet HTML 8Page - Mallory performance club 6530 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
SPARK PLUGS AND WIRES
Spark plug wires are very important to the operation of your ignition system. A good quality, helically
wound wire and proper routing are required to get the best performance from your ignition, such as
the MSD Heli-Core or 8.5mm Super Conductor Wire.
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
A helically, or spiral wound wire must be used. This style wire provides a good path for the spark to
follow while keeping Electro Magnetic Interference (EMI) to a minimum. Excessive EMI, such as the
amount that solid core wires produce, will interfere with the operation of the MSD.
Routing: Correct routing of the plug wires is also important to performance. Wires should be routed
away from sharp edges and engine heat sources. If there are two wires that are next to each other in
the engine's firing order, the wires should be routed away from each other to avoid inducing a spark
into the other wire. For example, in a Chevy V8, the firing order is 1-8-4-3-6-
5-7-2. The #5 and #7
cylinders are next to each other in the engine and in the firing order. If the voltage from the #5 wire
is induced into #7 detonation could occur and cause engine damage.
To add more heat protection to your plug wires, MSD offers Pro-Heat Guard, PN 3411. This is a glass
woven and silicone coated protective sleeve that you slide over your plug wires. For extra protection
of the spark plug boots, MSD offers Pro-Boot Guard, PN 3412.
Spark Plugs: Choosing the correct spark plug design and heat range is important when trying to get
the best performance possible. Since there are so many engine combinations and manufacturers,
MSD does not recommend which plug or gap is exactly right for your application.
It is recommended to follow the engine builder or manufacturer's specification for spark plugs. With
that, you can then experiment with the plug gap to obtain the best performance. The gap of the plugs
can be opened in 0.005" increments, then tested until the best performance is obtained. MSD judges
the plug gap by compression and components:
MISCELLANEOUS INFORMATION
Sealing: Do not attempt to seal the MSD. All of the circuits of an MSD receive a thick conformal
coating of Humi-Seal. This sealant protects the electronics from moisture. If you were to seal the unit,
any moisture or water that may seep in through the wiring grommets will not be able to drain and
may result in corrosion.
Welding: If you are welding on your vehicle, to avoid the chance of damage, always disconnect both
Heavy Power cables of the MSD (You should also disconnect the tach ground wire too).
Distributor Cap and Rotor: It is recommended to install a new distributor cap and rotor when installing
the MSD Ignition Control. The cap should be clean inside and out especially the terminals and rotor tip.
On vehicles with smaller caps, it is possible for the air inside the cap to become electrically charged
causing crossfire which can result in misfire. This can be prevented by drilling a couple vent holes in
the cap. The holes should be placed between the terminals, at rotor height and face away from the
intake. If your environment demands it, place a small piece of screen over the hole to act as a filter.
Initial Spark: It is normal, yet not very common, for the MSD to produce a spark when the ignition is
first connected to the battery. This is due to the capacitor being charged.
These examples are just starting
points to get you going in the right
direction. Every application is different
and should be tested and tuned.
Compression
Spark Plug Gap
Up to 10.5:1:
0.050"-0.060"
10.5:1-13.0:1:
0.040"-0.050"
Above 13.0:1:
0.035"-0.045"


Similar Part No. - 6530

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
653000 ARIES-653000 Datasheet
667Kb / 1P
   Converts PLCC packaged ICs to DIP footprints
logo
Littelfuse
6530000000 LITTELFUSE-6530000000 Datasheet
514Kb / 1P
   652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
logo
Wurth Elektronik GmbH &...
65300113722 WURTH-65300113722 Datasheet
825Kb / 2P
   1.25 MM FEMALE CRIMP TERMINAL
F 07-AUG-13
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
logo
Pomona Electronics
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
More results

Similar Description - 6530

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
KS01-AVR-1-101 HIGHLY-KS01-AVR-1-101 Datasheet
2Mb / 4P
   TACH SWITCHES
PB615 HIGHLY-PB615 Datasheet
1Mb / 3P
   TACH SWITCHES
logo
Mallory Sonalert Produc...
SCVC MSPI-SCVC Datasheet
107Kb / 1P
   Produces approximately ??0dB to ??5db attenuation
logo
Mallory performance clu...
6421 MALLORY-6421 Datasheet
2Mb / 28P
   The MSD produces full power multiple sparks for each firing of a plug
29074 MALLORY-29074 Datasheet
126Kb / 2P
   ACTIVE FUEL INJECTION/TACH ADAPTER
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com