Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP90N06VDK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP90N06VDK
Description  N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP90N06VDK Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP90N06VDK Datasheet HTML 1Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 2Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 3Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 4Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 5Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 6Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 7Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 8Page - Renesas Technology Corp NP90N06VDK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NP90N06VDK
R07DS1297EJ0100 Rev.1.00
Page 2 of 7
Oct 26, 2015
Absolute Maximum Ratings
(TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±90
A
Drain Current (pulse)
1
ID(pulse)
±360
A
Total Power Dissipation (TC = 25°C)
PT1
147
W
Total Power Dissipation (TA = 25°C)
PT2
1.2
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Repetitive Avalanche Current
2
IAR
33
A
Repetitive Avalanche Energy
2
EAR
108
mJ
Notes: *1. TC = 25°C, PW ≤ 10 μs, Duty Cycle ≤ 1%
*2. RG = 25 Ω, VGS = 20 V → 0 V
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
1.02
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
125
°C/W


Similar Part No. - NP90N06VDK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP90N06VDK RENESAS-NP90N06VDK Datasheet
442Kb / 9P
   60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP90N06VDK-E1-AY RENESAS-NP90N06VDK-E1-AY Datasheet
442Kb / 9P
   60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP90N06VDK-E2-AY RENESAS-NP90N06VDK-E2-AY Datasheet
442Kb / 9P
   60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP90N06VDK RENESAS-NP90N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP90N06VDK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
   N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
   N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
   N-Channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com