Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC262 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC262
Description  POWER DRIVER FOR STEPPER MOTORS
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC262 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC262_15 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC262_15 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TMC262 DATASHEET (Rev. 2.13 / 2015-OCT-27)
9
www.trinamic.com
4 stallGuard2 Load Measurement
stallGuard2 provides an accurate measurement of the load on the motor. It can be used for stall
detection as well as other uses at loads below those which stall the motor, such as coolStep load-
adaptive current reduction. (stallGuard2 is a more precise evolution of the earlier stallGuard
technology.)
The stallGuard2 measurement value changes linearly over a wide range of load, velocity, and current
settings, as shown in Figure 4.1. At maximum motor load, the value goes to zero or near to zero. This
corresponds to a load angle of 90° between the magnetic field of the coils and magnets in the rotor.
This also is the most energy-efficient point of operation for the motor.
motor load
(% max. torque)
stallGuard2
reading
100
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
60
70
80
90
100
Start value depends
on motor and
operating conditions
Motor stalls above this point.
Load angle exceeds 90° and
available torque sinks.
stallGuard value reaches zero
and indicates danger of stall.
This point is set by stallGuard
threshold value SGT.
Figure 4.1 stallGuard2 load measurement SG as a function of load
Two parameters control stallGuard2 and one status value is returned.
Parameter
Description
Setting
Comment
SGT
7-bit signed integer that sets the stallGuard2
threshold level for asserting the SG_TST output
and sets the optimum measurement range for
readout. Negative values increase sensitivity,
and positive values reduce sensitivity so more
torque is required to indicate a stall. Zero is a
good starting value. Operating at values below -
10 is not recommended.
0
indifferent value
+1… +63
less sensitivity
-1… -64
higher sensitivity
SFILT
Mode bit which enables the stallGuard2 filter for
more precision. If set, reduces the measurement
frequency
to
one
measurement
per
four
fullsteps. If cleared, no filtering is performed.
Filtering
compensates
for
mechanical
asymmetries in the construction of the motor,
but at the expense of response time. Unfiltered
operation is recommended for rapid stall
detection. Filtered operation is recommended
for more precise load measurement.
0
standard mode
1
filtered mode


Similar Part No. - TMC262_15

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC262 TRINAMIC-TMC262_17 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC262_15

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com