Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24L02FJ-W Datasheet(PDF) 3 Page - Rohm

Part # BR24L02FJ-W
Description  256x8 bit electrically erasable PROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L02FJ-W Datasheet(HTML) 3 Page - Rohm

  BR24L02FJ-W Datasheet HTML 1Page - Rohm BR24L02FJ-W Datasheet HTML 2Page - Rohm BR24L02FJ-W Datasheet HTML 3Page - Rohm BR24L02FJ-W Datasheet HTML 4Page - Rohm BR24L02FJ-W Datasheet HTML 5Page - Rohm BR24L02FJ-W Datasheet HTML 6Page - Rohm BR24L02FJ-W Datasheet HTML 7Page - Rohm BR24L02FJ-W Datasheet HTML 8Page - Rohm BR24L02FJ-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
BR24L02-W / BR24L02F-W / BR24L02FJ-W /
Memory ICs
BR24L02FV-W / BR24L02FVM-W
3/25
Dimension
Fig.1(a) PHYSICAL DIMENSION (Units : mm)
DIP8 (BR24L02-W)
0.5
±0.1
85
14
9.3
±0.3
0.3
±0.1
2.54
0
° ~ 15°
7.62
0.15
±0.1
0.4
±0.1
5.0
±0.2
85
4
1
1.27
0.1
Fig.1(b) PHYSICAL DIMENSION (Units : mm)
SOP8 (BR24L02F-W)
Fig.1(c) PHYSICAL DIMENSION (Units : mm)
SOP-J8 (BR24L02FJ-W)
0.1
0.42
±0.1
4.9
±0.2
85
4
123
1.27
76
0.2
±0.1
5
4
8
1
3.0
±0.2
0.22
±0.1
0.65
(0.52)
0.15
±0.1
0.1
Fig.1(d) PHYSICAL DIMENSION (Units : mm)
SSOP-B8 (BR24L02FV-W)
Fig.1(e) PHYSICAL DIMENSION (Units : mm)
MSOP8 (BR24L02FVM-W)
4
1
5
8
2.9
±0.1
0.475
0.65
0.08 S
0.08 M
0.145
+0.05
−0.03
0.22
+0.05
−0.04


Similar Part No. - BR24L02FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L02FJ-W ROHM-BR24L02FJ-W Datasheet
315Kb / 6P
   IC BUS 2Kbit (256 x 8bit) EEPROM
BR24L02FJ-W ROHM-BR24L02FJ-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR24L02FJ-WE2 ROHM-BR24L02FJ-WE2 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L02FJ-WTR ROHM-BR24L02FJ-WTR Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L02FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W_07 Datasheet
397Kb / 26P
   1024횞8 bit electrically erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com