Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC248-LA Datasheet(PDF) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC248-LA
Description  Low-cost stepper driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC248-LA Datasheet(HTML) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC248-LA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TMC248 DATASHEET (Rev. 1.01 / 2013-MAR-26)
3
www.trinamic.com
TABLE OF CONTENTS
1
KEY CONCEPTS
4
1.1
ADVANCED FEATURES
5
1.2
CONTROL INTERFACES
5
2
PIN ASSIGNMENTS
6
2.1
PACKAGE OUTLINE
6
2.2
SIGNAL DESCRIPTIONS
6
3
STALLGUARD - STALL DETECTION
AND REFERENCE SEARCH
7
3.1
STALL
GUARD MEASUREMENT
7
3.2
IMPLEMENTING SENSORLESS STALL DETECTION
9
4
SPI INTERFACE
10
4.1
BUS SIGNALS
10
4.2
MOTOR COIL CURRENT SETTING VIA SPI 11
4.3
BASE CURRENT CONTROL MODE VIA INA /
INB IN SPI MODE
11
4.4
CONTROLLING POWER DOWN VIA THE SPI
INTERFACE
13
4.5
OPEN LOAD DETECTION
13
4.6
STANDBY AND SHUTDOWN MODE
13
4.7
POWER SAVING
13
4.8
BUS TIMING
14
4.9
USING THE SPI INTERFACE WITH ONE OR
MULTIPLE DEVICES
14
4.10
SPI FILTER
14
5
CLASSICAL NON-SPI CONTROL MODE
(STANDALONE MODE)
15
5.1
PIN FUNCTIONS IN STANDALONE MODE
15
5.2
INPUT SIGNALS FOR MICROSTEP CONTROL IN
STANDALONE MODE
15
6
CURRENT SETTING
16
6.1
SENSE RESISTOR FOR CURRENT SETTING
16
6.2
RESISTOR R
SH FOR HIGH SIDE OVERCURRENT
DETECTION
16
7
CHOPPER OPERATION
18
7.1
MIXED DECAY MODE
18
7.2
CHOPPER FREQUENCY
19
7.3
VOLTAGE PWM MODE FOR LOW NOISE
CHOPPER
20
7.4
ADAPTING THE SINE WAVE FOR SMOOTH
MOTOR OPERATION
22
7.5
BLANK TIME
23
8
SLOPE CONTROL
24
9
PROTECTION FUNCTIONS
25
9.1
OVERCURRENT PROTECTION AND DIAGNOSTIC
25
9.2
OVER TEMPERATURE PROTECTION AND
DIAGNOSTIC
25
9.3
OVERVOLTAGE PROTECTION AND ENN PIN
BEHAVIOR
26
10
MICROSTEP RESOLUTION
27
11
MOSFET EXAMPLES
28
12
LAYOUT CONSIDERATIONS
30
12.1
GROUNDING
30
12.2
FILTERING CAPACITORS
30
12.3
PULL-UP RESISTORS ON UNUSED INPUTS
31
12.4
POWER SUPPLY SEQUENCING
CONSIDERATIONS
31
12.5
LAYOUT EXAMPLE
32
13
ABSOLUTE MAXIMUM RATINGS
33
14
ELECTRICAL CHARACTERISTICS
34
14.1
OPERATIONAL RANGE
34
14.2
DC SPECIFICATIONS
34
14.3
AC SPECIFICATIONS
36
14.4
THERMAL PROTECTION
36
15
PACKAGE MECHANICAL DATA
37
15.1
DIMENSIONAL DRAWINGS
37
15.2
PACKAGE CODE
37
16
DISCLAIMER
38
17
ESD SENSITIVE DEVICE
38
18
TABLE OF FIGURES
39
19
REVISION HISTORY
40
20
REFERENCES
40


Similar Part No. - TMC248-LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246 Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246 Datasheet
608Kb / 1P
   Microstep Driver for up to 1.5A with stall Guard?
TMC246 TRINAMIC-TMC246 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC246 TRINAMIC-TMC246 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
More results

Similar Description - TMC248-LA

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI7330 NI-NI7330 Datasheet
113Kb / 2P
   Low-Cost Stepper Motion Controllers
logo
STMicroelectronics
STSPIN220 STMICROELECTRONICS-STSPIN220 Datasheet
902Kb / 27P
   Low voltage stepper motor driver
Rev 4 - March 2019
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
   STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
   STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
   STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
   STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
   STEPPER DRIVER
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
   STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
   STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
   STEPPER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com