Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC246 Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC246
Description  High current microstep stepper motor driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC246 Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC246 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC246 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TMC246 / TMC246A DATA SHEET (V2.06 / 2011-Aug-10)
10
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Typical winding current values
Current setting
CA3..0 / CB3..0
Percentage of
current
Typical trip voltage of the current sense comparator
(internal reference or analog input voltage of 2V is used)
0000
0%
0 V
(bridge continuously in slow decay condition)
0001
6.7%
23 mV
0010
13.3%
45 mV
...
...
1110
93.3%
317 mV
1111
100%
340 mV
The current values correspond to a standard 4 Bit DAC, where 100%=15/16. The contents of all
registers is cleared to “0” on power-on reset or disable via the ENN pin, bringing the chip to a low
power standby mode. All SPI inputs have Schmitt-Trigger function.
Base current control via INA and INB in SPI mode
In SPI mode, the IC can use an external reference voltage for each DAC. This allows the adaptation to
different motors. This mode is enabled by tying pin ANN to GND. A 2.0V input voltage gives full scale
current of 100%. In this case, the typical trip voltage of the current sense comparator is determined by
the input voltage and the DAC current setting (see table above) as follows:
VTRIP,A = 0.17 VINA  “percentage SPI current setting A”
VTRIP,B = 0.17 VINB  “percentage SPI current setting B”
A maximum of 3.0V VIN is possible. Multiply the percentage of base current setting and the DAC table
to get the overall coil current. It is advised to operate at a high base current setting, to reduce the
effects of noise voltages. This feature allows a high resolution setting of the required motor current
using an external DAC or PWM-DAC (see schematic for examples).
47K
100nF
AGND
INA
INB
ANN
µC-
PWM
using PWM signal
100K
µC-
Port .2
8 level via R2R-DAC
100K
100K
µC-
Port .1
µC-
Port .0
R1
2 level control
µC-
Port
10nF
Controlling the power down mode via the SPI interface
Standard
function
11
MxA
10
CA3
9
CA2
6
PhA
-
0
-
Control
word
function
-
-
Bit
Enable standby mode and
clear error flags
8
CA1
7
CA0
5
MxB
4
CB3
3
CB2
0
PhB
2
CB1
1
CB0
0
0
0
0
0
0
0
Programming current value “0000” for both coils at a time clears the overcurrent flags and switches the
TMC246 into a low current standby mode with coils switched off.


Similar Part No. - TMC246

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246 Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246 Datasheet
608Kb / 1P
   Microstep Driver for up to 1.5A with stall Guard?
TMC246 TRINAMIC-TMC246 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC246/A ETC2-TMC246/A Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
More results

Similar Description - TMC246

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC246B-PA TRINAMIC-TMC246B-PA Datasheet
727Kb / 28P
   High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC236B-PA TRINAMIC-TMC236B-PA Datasheet
727Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
   High current microstep stepper motor driver with protection, diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_1 Datasheet
597Kb / 30P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
   36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com