Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24006 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24006
Description  TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24006 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24006 Datasheet HTML 2Page - Texas Instruments BQ24006 Datasheet HTML 3Page - Texas Instruments BQ24006 Datasheet HTML 4Page - Texas Instruments BQ24006 Datasheet HTML 5Page - Texas Instruments BQ24006 Datasheet HTML 6Page - Texas Instruments BQ24006 Datasheet HTML 7Page - Texas Instruments BQ24006 Datasheet HTML 8Page - Texas Instruments BQ24006 Datasheet HTML 9Page - Texas Instruments BQ24006 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
bq24004
bq24005
bq24006
SLUS476B – DECEMBER 2000 – REVISED MAY 2002
www.ti.com
6
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
16
Ground pin; connect close to the negative battery terminal.
APG/THERM
7
I
Adapter power good input/thermistor sense input
CR
12
I
Internal regulator bypass capacitor
EN
8
I
Charge-enable input. Active-high enable input with internal pull down. Low-current stand-by mode active
when EN is low.
GND/HEATSINK
10
Ground pin; connect to PowerPAD heat-sink layout pattern.
IN
2, 3
I
Input voltage. This input provides the charging voltage for the battery.
ISNS
5
I
Current sense input
N/C
1, 6, 11,
15, 20
No connect. These pins must be left floating. Pin 15 is N/C on bq24004PWP only.
OUT
18, 19
O
Charge current output
STAT1
14
O
Status display output 1
STAT2
15
O
Status display output 2 (for bq24005 and bq24006 only)
TMR SEL
13
I
Charge timer selection input
VCC
4
I
Supply voltage
VSEL
9
I
8.2-V or 8.4-V charge regulation selection input
VSENSE
17
I
Battery voltage sense input


Similar Part No. - BQ24006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24006 TI1-BQ24006 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24006PWP TI1-BQ24006PWP Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24006PWPG4 TI1-BQ24006PWPG4 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24006PWPR TI1-BQ24006PWPR Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24006PWPRG4 TI1-BQ24006PWPRG4 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
More results

Similar Description - BQ24006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24007 TI-BQ24007 Datasheet
327Kb / 25P
[Old version datasheet]   SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24001 TI1-BQ24001_12 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com