Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH12D77BT150NP-470MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH12D77BT150NP-470MC
Description  LED Head light for Automobile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH12D77BT150NP-470MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH12D77BT150NP-470MC Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: This datasheet might be slightly modified without notice in order to improve the quality and reliability of the product. Please contact
an appropriate our sales in your regions for checking final spec before you place an order.
Page 1 of 1
Rev.0 (2015.10)
CDRH12D77B/T150
CDRH12D77BT150NP-1R0NC
1.0±30%
4.5±30%
31.0
11.7
CDRH12D77BT150NP-1R5NC
1.5±30%
5.4±30%
25.0
10.6
CDRH12D77BT150NP-2R2NC
2.2±30%
6.3±30%
20.6
10.0
CDRH12D77BT150NP-3R3NC
3.3±30%
7.4±30%
16.7
9.60
CDRH12D77BT150NP-4R2NC
4.2±30%
8.4±30%
14.7
9.20
CDRH12D77BT150NP-6R8NC
6.8±30%
13.0±30%
11.7
7.50
CDRH12D77BT150NP-100MC
10±20%
15.8±20%
9.70
6.70
CDRH12D77BT150NP-150MC
15±20%
22±20%
7.80
5.60
CDRH12D77BT150NP-220MC
22±20%
34±20%
6.40
4.60
CDRH12D77BT150NP-330MC
33±20%
48±20%
5.20
3.70
CDRH12D77BT150NP-470MC
47±20%
60±20%
4.40
3.50
CDRH12D77BT150NP-680MC
68±20%
77±20%
3.70
3.10
CDRH12D77BT150NP-101MC
100±20%
115±20%
3.05
2.50
CDRH12D77BT150NP-151MC
150±20%
165±20%
2.55
2.10
CDRH12D77BT150NP-221MC
220±20%
265±20%
2.05
1.60
CDRH12D77BT150NP-331MC
330±20%
370±20%
1.70
1.35
CDRH12D77BT150NP-471MC
470±20%
510±20%
1.40
1.16
※3 Temperature rise current : The actual value of D.C. current when the temperature of coil becomes
                   ⊿T=40℃(Ta=20℃).
CAUTION: Recommend not to operate with audio-frequency (AF) signals and should be mounted a proper
position in the PCB to prevent noises problems which may be caused by magnetostriction.
Electrical characteristics
Part Name
Inductance
(
μ H)
[Within]
※1
※1 Measuring frequency inductance at 100kHz,1V.
※2 Saturation current : DC current which becomes inductance value drop by 30% from the nominal value.
D.C.R (m
Ω )
[Within]
(at 20℃)
Saturation
current
(A)
(at 20℃) ※2
Temperature
rise current
(A)
※3
Features
• Ferrite drum core construction
• Magnetically shielded.
• Qualified AEC-Q200
• Operating temperature range: - 55deg C~+150deg C
(including coil’s self temperature rise)
Applications
• LED Head light for Automobile
• ECU, DC/DC converter
・Automotive and other high temperature, high reliability
application.
Dimension
[mm]
Reference Land pattern
[mm]
RoHS
PROVISIONAL


Similar Part No. - CDRH12D77BT150NP-470MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH12D77BT150NP-470MC SUMIDA-CDRH12D77BT150NP-470MC Datasheet
465Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH12D77BT150NP-470MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D60B SUMIDA-CDRH10D60B Datasheet
186Kb / 1P
   LED Head light for Automobile
CDMC10D50 SUMIDA-CDMC10D50 Datasheet
324Kb / 6P
   LED Head light for Automobile
CDRH70D45B SUMIDA-CDRH70D45B Datasheet
198Kb / 1P
   LED Head light for Automobile
CDMC50D38 SUMIDA-CDMC50D38 Datasheet
201Kb / 4P
   LED Head light for Automobile
CDMC80D50 SUMIDA-CDMC80D50 Datasheet
733Kb / 8P
   LED Head light for Automobile
CDRH60D45B SUMIDA-CDRH60D45B Datasheet
256Kb / 1P
   LED Head light for Automobile
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
   Integrated light emitting/receiving elements for automobile VICS
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
   1W & 3W Light touch switch LED / head light drive
logo
Schneider Electric
ZB5AV033 SCHNEIDER-ZB5AV033 Datasheet
194Kb / 8P
   green pilot light head 횠22 plain lens for integral LED
Aug 11, 2019
ZB4FV053 SCHNEIDER-ZB4FV053 Datasheet
157Kb / 8P
   Head for pilot light, Harmony XB4, flush mounted orange integral LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com