Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM1005 Datasheet(PDF) 4 Page - Sumida Corporation

Part # SPM1005
Description  3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1005 Datasheet(HTML) 4 Page - Sumida Corporation

  SPM1005 Datasheet HTML 1Page - Sumida Corporation SPM1005 Datasheet HTML 2Page - Sumida Corporation SPM1005 Datasheet HTML 3Page - Sumida Corporation SPM1005 Datasheet HTML 4Page - Sumida Corporation SPM1005 Datasheet HTML 5Page - Sumida Corporation SPM1005 Datasheet HTML 6Page - Sumida Corporation SPM1005 Datasheet HTML 7Page - Sumida Corporation SPM1005 Datasheet HTML 8Page - Sumida Corporation SPM1005 Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SPM1005
Version 1.4
February 19, 2016
Page 4 of 29
Part 2: Electrical Characteristics for Each Individual Model:
SPM1005-Z (VOUT adjustable from 0.6V to 3.6V)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(adj): Output voltage adjust range
Over IOUT range, TA = -40°C to 85°C
0.6
3.6
V
η
Efficiency
VIN = 5V
VOUT = 3.3V, IOUT = 3A
96.1%
VOUT = 3.3V, IOUT = 6A
94.2%
VIN = 3.3V
VOUT = 2.5V, IOUT = 3A
95.4%
VOUT = 2.5V, IOUT = 6A
92.3%
FS
Switching frequency(1)
RT = 127KΩ between RT/CLK and AGND
750
kHz
(1) 750kHz is suitable for 3.3V output, but lower switching frequencies are recommended for lower output voltage models.
See following tables for desired switching frequency, and refer to page 22 for information on adjusting the frequency.
SPM1005-3V3
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(adj): Output voltage trim range
Over IOUT range, TA = -40°C to 85°C
2.97
3.3
3.63
V
η
Efficiency
VIN = 5V
VOUT = 3.3V, IOUT = 3A
96.1%
VOUT = 3.3V, IOUT = 6A
94.2%
FS
Switching frequency
750
kHz
SPM1005-2V5
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(adj): Output voltage trim range
Over IOUT range, TA = -40°C to 85°C
2.25
2.5
2.75
V
η
Efficiency
VIN = 5V
VOUT = 2.5V, IOUT = 3A
94.4%
VOUT = 2.5V, IOUT = 6A
92.3%
VIN = 3.3V
VOUT = 2.5V, IOUT = 3A
95.4%
VOUT = 2.5V, IOUT = 6A
92.3%
FS
Switching frequency
650
kHz
SPM1005-1V8
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(adj): Output voltage trim range
Over IOUT range, TA = -40°C to 85°C
1.62
1.8
1.98
V
η
Efficiency
VIN = 5V
VOUT = 1.8V, IOUT = 3A
92.2%
VOUT = 1.8V, IOUT = 6A
90.0%
VIN = 3.3V
VOUT = 1.8V, IOUT = 3A
93.3%
VOUT = 1.8V, IOUT = 6A
89.7%
FS
Switching frequency
600
kHz
SPM1005-1V5
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(adj): Output voltage trim range
Over IOUT range, TA = -40°C to 85°C
1.35
1.5
1.65
V
η
Efficiency
VIN = 5V
VOUT = 1.5V, IOUT = 3A
91.3%
VOUT = 1.5V, IOUT = 6A
88.5%
VIN = 3.3V
VOUT = 1.5V, IOUT = 3A
91.7%
VOUT = 1.5V, IOUT = 6A
88.0%
FS
Switching frequency
550
kHz


Similar Part No. - SPM1005

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-100M-HZ TDK-SPM10054T-100M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10054T-100M-HZR TDK-SPM10054T-100M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-150M-HZR TDK-SPM10054T-150M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-1R0M-HZ TDK-SPM10054T-1R0M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1005

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Bel Fuse Inc.
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
logo
List of Unclassifed Man...
PD-NPM-0305EP ETC1-PD-NPM-0305EP Datasheet
45Kb / 3P
   DSL NTU POWER MODULE (36-130V DC INPUT, 5V DC, 3.3V DC OUTPUT)
logo
Maxim Integrated Produc...
MAX682 MAXIM-MAX682 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
   SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com