Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24004 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24004
Description  TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24004 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24004 Datasheet HTML 1Page - Texas Instruments BQ24004 Datasheet HTML 2Page - Texas Instruments BQ24004 Datasheet HTML 3Page - Texas Instruments BQ24004 Datasheet HTML 4Page - Texas Instruments BQ24004 Datasheet HTML 5Page - Texas Instruments BQ24004 Datasheet HTML 6Page - Texas Instruments BQ24004 Datasheet HTML 7Page - Texas Instruments BQ24004 Datasheet HTML 8Page - Texas Instruments BQ24004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
bq24004
bq24005
bq24006
SLUS476B – DECEMBER 2000 – REVISED MAY 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS CONTINUED
over recommended operating junction temperature supply and input voltages, and VI (VCC) ≥ VI (IN) ( unless otherwise noted)
HIGHV (RECHARGE) COMPARATOR, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold
7.70
7.85
8.00
V
OVERV COMPARATOR, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold
8.85
9.00
9.15
V
Stop threshold
8.45
8.60
8.75
V
Hysteresis
50
mV
TAPERDET COMPARATOR, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Trip threshold
12
18.5
25
mV
EN LOGIC INPUT, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2.25
V
Low-level input voltage
0.8
V
Input pulldown resistance
100
200
k
VSEL LOGIC INPUT, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2.25
V
Low-level input voltage
0.8
V
Input pulldown resistance
100
200
k
TMR SEL INPUT 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2.7
V
Low-level input voltage
0.6
V
Input bias current
VI(TMR SEL) ≤ 5V
15
µA
STAT1, STAT2 (bq24004, bq24006), 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output (low) saturation voltage
IO = 10 mA
1.5
V
Output (low) saturation voltage
IO = 4 mA
0.6
V
Output (high) saturation voltage
IO = –10 mA
VCC–1.5
V
Output (high) saturation voltage
IO = –4 mA
VCC–0.5
V
Output turn on/off time
IO = ± 10 mA, C = 100 p(1)
100
µs
(1) Specified by design, not production tested.
POWER-ON RESET (POR), 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POR delay
See Note 1
1.2
3
ms
POR falling-edge deglitch
See Note 1
25
75
µs
(1) Specified by design, not production tested.


Similar Part No. - BQ24004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24004 TI1-BQ24004 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24004PWP TI1-BQ24004PWP Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24004PWPG4 TI1-BQ24004PWPG4 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24004PWPR TI1-BQ24004PWPR Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24004PWPRG4 TI1-BQ24004PWPRG4 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
More results

Similar Description - BQ24004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24007 TI-BQ24007 Datasheet
327Kb / 25P
[Old version datasheet]   SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24001 TI1-BQ24001_12 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com