Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83C24-TISIM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT83C24-TISIM
Description  Smart Card Reader Interface with Power Management
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24-TISIM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT83C24-TISIM Datasheet HTML 7Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 8Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 9Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 10Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 11Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 12Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 13Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 14Page - ATMEL Corporation AT83C24-TISIM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
AT83C24
4234E–SCR–09/04
CIO, CC4, CC8 Controller
The CIO, CC4, CC8 output pins are driven respectively by CARDIO, CARDC4,
CARDC8 bits values or by I/O, C4, C8 signal pins. This selection depends of the IODIS
bit value. If IODIS is reset, data are bidirectional between respectively I/O, C4, C8 pins
and CIO, CC4, CC8 pins.
Figure 5. CIO, CC4, CC8 Block Diagram
IO and CIO pins are linked together through the on chip level shifters if IODIS bit=0 in
INTERFACE register. This is done automatically during an hardware activation.
Their iddle level are 1. With IO high, CIO is pulled up.
The same behavior is applicable on C4/ CC4 and C8/ CC8 pins.
The maximum frequency on those lines depends on CLK frequency (3 clock rising
edges to transfer). With CLK=27MHz, the maximum frequency on this line is 1.5MHz.
Due to the minimum transfer delay allowed for NDS applications, the CLK minimum fre-
quency is 18MHz.
Clock Controller
The clock controller generates two clocks (as shown in Figure 6 and Figure 7):
1.
a clock for the CCLK: Four different sources can be used: CLK pin, DCCLK sig-
nal, CARDCK bit or A2/CK pin (in transparent mode).
2.
a clock for DC/DC converter.
CIO
0
1
0
1
CARDIO bit
CC4
CC8
0
1
CARDC8 bit
IODIS bit
CARDC4 bit
I/O
C4
C8
CVCC
CVCC
CVCC
EVCC
EVCC


Similar Part No. - AT83C24-TISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24B ATMEL-AT83C24B Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B ATMEL-AT83C24B Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B-PRRIL ATMEL-AT83C24B-PRRIL Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B-PRRIL ATMEL-AT83C24B-PRRIL Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B-PRRIM ATMEL-AT83C24B-PRRIM Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
More results

Similar Description - AT83C24-TISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B ATMEL-AT83C24B_05 Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
   SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
   Multiple Smart Card Reader Interface With Power Management
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
   SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com