Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17681EVKITC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17681EVKITC
Description  Evaluation Kit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17681EVKITC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17681EVKITC Datasheet HTML 2Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 3Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 4Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 5Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 6Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 7Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 8Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 9Page - Maxim Integrated Products MAX17681EVKITC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
S
 NO Designation
Qty Description
Manufacturer
 Partnumber‐1
Manufacturer
 Partnumber‐2
Manufacturer
 Partnumber‐3
Manufacturer
 Partnumber‐4
1
C1
1
1µF±10%,
 50V,X7R Ceramic 
capacitor
  (1206)
Murata
 GRM31CR71H105KA61 KEMET C1206C105K5RAC
Murata
 GRM31MR71H105KA88
2
C2
1
1µF±10%
 16V X7R Ceramic 
capacitor
 (0603)
Murata
 GRM188R71C105KA12 KEMET C0603C105K4RAC
TDK
 C1608X7R1C105K
TAIYO
 YUDEN EMK107B7105KA
3
C3,C4
2
0.033UFnF±10%,25V,
 X7R 
ceramic
 capacitor (0402)
Murata
 GRM155R71E333KA88
4
C5
1
680pF±5%,50V,COG
 ceramic 
capacitor
 (0402)
Murata
 GRM1555C1H681JA01
VENKEL
 LTD C0402C0G500‐
681JNP
5
C6
1
10uF±10%,16V,
 X7R ceramic 
capacitor
 (1206)
Murata
 GRM31CR71C106KAC7
6
C7,
 C8,C9
3
2.2uF±10%,50V,
  X7R ceramic 
capacitor
 (1206)
Murata
 GRM31CR71H225KA88 TAIYO YUDEN UMK316B7225K
7
C10
1
0.1uF±10%,
 25V, X7R ceramic 
capacitor(0402)
Murata
 GRM155R71E104KE14
8
C11
1
0.01uF±10%,
 50V, X7R ceramic 
capacitor
 (0402)
Murata
 GRM155R71H103KA88 KEMET C0402C103K5RAC
9
C12
1
22uF,
 20%, 50V, ALUMINUM 
ELECTROLYTIC
 CAPACITOR 
6.60*6.60mm,
Panasonic
 EEEFK1H220P
10
C13
1
1000pF±10%,
 1500V, X7R 
ceramic
 capacitor (1206)
AVX
 1206SC102KAT
11
D1
1
200V/1A,
 PowerDI®123
Diode
 Inc.  DFLS1200
12
J1
13
‐pin headers
SULLINS
 ELECTRONICS CORP 
PEC03SAAN
13
R1
1
3.01M
 Ohm±1%  resistor (0402) 
VISHAY
 DALE 
CRCW04023M01FK
14
R2
1
261K
 Ohm±1%  resistor (0402) 
VISHAY
 DALE CRCW0402261KFK
15
R3
1
90.9K
 Ohm±1%  resistor (0402) 
PANASONIC
 ERJ‐2RKF9092X
16
R4
1
10.5k
Ω ±1% resistor (0402) 
PANASONIC
 ERJ‐2RKF1052
17
R5
1
4.75k
Ω ±1% resistor (0402) 
VISHAY
 DALE CRCW04024K75FK
18
R6
1
100k
Ω ±5% resistor (0402)
PANASONIC
 ERJ‐2GEJ104X
19
R7
1
OPEN
 (0402)
20
R8
1
105k
Ω ±1% resistor (0402)
VISHAY
 DALE CRCW0402105KFK
21
R9
1
22k
Ω ±1% resistor (0402)
VISHAY
 DALE CRCW040222K0FK
22
R10
122
Ω ±1% resistor (0402)
VISHAY
 DALE CRCW040222R0FK


Similar Part No. - MAX17681EVKITC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKIT MAXIM-MAX17681EVKIT Datasheet
770Kb / 8P
   MAX17681 for Isolated -15V or -12V Output Configuration
Rev 2; 2/17
MAX17681EVKITB MAXIM-MAX17681EVKITB Datasheet
3Mb / 11P
   MAX17681 for Isolated -7V or -5V Output Configuration
Rev 1; 5/16
MAX17681EVKITB# MAXIM-MAX17681EVKITB# Datasheet
3Mb / 11P
   MAX17681 for Isolated -7V or -5V Output Configuration
Rev 1; 5/16
MAX17681EVKITD MAXIM-MAX17681EVKITD Datasheet
2Mb / 11P
   Evaluates: MAX17681 for Isolated 7V or 5V Output Configuration
Rev 0; 2/16
MAX17681EVKITE MAXIM-MAX17681EVKITE Datasheet
2Mb / 11P
   MAX17681 for Isolated -15V and -7.5V Output Configuration
Rev 0; 5/16
More results

Similar Description - MAX17681EVKITC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com