Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C34098 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C34098
Description  5V/3.3V 256K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C34098 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 9 of 10
Package dimensions
44-pin TSOP 2
Min (mm)
Max (mm)
A
1.2
A1
0.05
0.15
A2
0.95
1.05
b
0.30
0.45
c
0.12
0.21
d
18.31
18.52
e
10.06
10.26
He
11.68
11.94
E
0.80 (typical)
l
0.40
0.60
d
He
1234567 89 1011121314
44 43424140393837363534333231
1516
3029
1718 1920
272625
c
l
A1
A2
E
44-pin TSOP 2
0–5
°
21
24
22
23
e
A
b
44-pin SOJ 400 mils
Min(mils)
Max(mils)
A
0.128
0.148
A1
0.025
-
A2
0.105
0.115
B
0.026
0.032
b
0.015
0.020
c
0.007
0.013
D
1.120
1.130
E
0.370 NOM
E1
0.395
0.405
E2
0.435
0.445
e
0.050 NOM
Seating
Plane
44-pin SOJ
28
Pin 1
D
e
E2
E1
A1
b
B
A
A2
E
c


Similar Part No. - AS7C34098

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JC ALSC-AS7C34098A-10JC Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JCN ALSC-AS7C34098A-10JCN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JI ALSC-AS7C34098A-10JI Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JIN ALSC-AS7C34098A-10JIN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results

Similar Description - AS7C34098

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com