Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16123WT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16123WT
Description  Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16123WT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16123WT Datasheet HTML 1Page - Maxim Integrated Products MAX16123WT Datasheet HTML 2Page - Maxim Integrated Products MAX16123WT Datasheet HTML 3Page - Maxim Integrated Products MAX16123WT Datasheet HTML 4Page - Maxim Integrated Products MAX16123WT Datasheet HTML 5Page - Maxim Integrated Products MAX16123WT Datasheet HTML 6Page - Maxim Integrated Products MAX16123WT Datasheet HTML 7Page - Maxim Integrated Products MAX16123WT Datasheet HTML 8Page - Maxim Integrated Products MAX16123WT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX16122–MAX16125 pushbutton controllers with
single-supply monitors monitor one or two pushbuttons and
generate a hard reset signal if the buttons are pushed and
held for a setup delay. These devices make it easy to “hide”
the hard reset function in an existing pushbutton, such as a
soft power switch. The devices operate from 1.6V to 5.5V
and consume a quiescent current of only 5µA at 3V.
The MAX16122–MAX16125 have pin-programmable or
resistor-adjustable setup delay. Connect the SEL pin to
GND, VCC, or leave it unconnected to select the different
setup delays (depending on part suffix, see Table 1a) or
connect an external resistor from SEL to GND to set the
setup delays (E suffix only, see Table 1b).
The MAX16124/MAX16125 have one manual reset input
(MR), a reset output (RESET), and a soft reset output
(SRESET) which mirrors the state of the input. The
MAX16122/MAX16123 have two identical manual reset
inputs (MR1 and MR2) and one reset output (RESET). A
deglitch block is connected to each input to add a delay to
the falling edge with a fixed deglitch period of 20ms (tDB).
The devices feature a comparator that monitors the
input supply voltage. A variety of factory-trimmed threshold
options accommodate different supply voltages and
tolerances, eliminating external components. The factory-
set reset thresholds range from 1.58V to 4.63V to monitor
5V, 3.3V, 2.5V, and 1.8V supplies.
The MAX16122–MAX16125 are offered in a tiny 0.86mm
x 1.27mm, 6-bump WLP package and are specified over
the automotive temperature range (-40°C to +125°C).
Benefits and Features
● Low Supply Current: < 5μA (typ) at 3V Over Temperature
● Precision Factory-Set VCC Monitoring Threshold for
1.8V, 2.5V, 3.3V, and 5V Supplies
● Fixed/Pin-Programmable or Resistor-Adjustable
Pushbutton Setup Delay
● Up to 2 Reset Outputs and 2 Debounced Pushbutton
Inputs
● Guaranteed RESET Valid for VCC Down to 0.95V
● Active-Low RESET Output (Push-Pull or Open-Drain)
● Immune to Short Power-Supply Transients
● 0.86mm x 1.27mm 6-Bump WLP Package
● -40°C to +125°C Operating Temperature Range
Applications
● Smartphones
● Tablet PCs
● eBook Readers
● Portable/Battery-Powered Equipment
● Glucose Monitors/Patient Monitors
● Portable Instrumentation
Ordering Information appears at end of data sheet.
Typical Operating Circuits (continued) appears at end of data sheet.
19-6398; Rev 2; 4/16
VCC
SRESET
RESET
RESET
INPUT
I/0
MR
GND
GND
VCC
MAX16124
MAX16125
µP
0.1µF
1.6V TO 5.5V
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
Typical Operating Circuits


Similar Part No. - MAX16123WT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16123 MAXIM-MAX16123 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
More results

Similar Description - MAX16123WT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
   nanoPower Op Amp in a Tiny 6-Bump WLP
2017
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
   Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
MAX44265 MAXIM-MAX44265 Datasheet
364Kb / 13P
   Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 12/10
MAX40006 MAXIM-MAX40006 Datasheet
2Mb / 17P
   Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 11/16
MAX40006 MAXIM-MAX40006_V01 Datasheet
2Mb / 17P
   Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
2018
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX16125 MAXIM-MAX16125 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX77839WEVKIT MAXIM-MAX77839WEVKIT_V01 Datasheet
863Kb / 10P
   Evaluates: MAX77839 in WLP Package
2021
MAX40007 MAXIM-MAX40007 Datasheet
1Mb / 10P
   nanoPower Op Amp in Ultra-Tiny WLP and SOT23 Packages
Rev 1; 1/18
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com