Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14690DEWX+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14690DEWX+
Description  Wearable Charge-Management Solution
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14690DEWX+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14690DEWX+ Datasheet HTML 1Page - Maxim Integrated Products MAX14690DEWX+ Datasheet HTML 2Page - Maxim Integrated Products MAX14690DEWX+ Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+Denotes a lead(Pb)-free package/RoHS-compliant package.
T = Tape and reel.
*Future Product—contact marketing for availability.
See Table 35 and Table 36 for the device differences.
PART
TEMP RANGE
PIN-PACKAGE
MAX14690AEWX+
-40°C to +85°C
36 WLP
MAX14690AEWX+T
-40°C to +85°C
36 WLP
MAX14690BEWX+
-40°C to +85°C
36 WLP
MAX14690BEWX+T
-40°C to +85°C
36 WLP
MAX14690CEWX+
-40°C to +85°C
36 WLP
MAX14690CEWX+T
-40°C to +85°C
36 WLP
MAX14690DEWX+
-40°C to +85°C
36 WLP
MAX14690DEWX+T
-40°C to +85°C
36 WLP
MAX14690EEWX+*
-40°C to +85°C
36 WLP
MAX14690EEWX+T*
-40°C to +85°C
36 WLP
MAX14690HEWX+
-40°C to +85°C
36 WLP
MAX14690HEWX+T
-40°C to +85°C
36 WLP
MAX14690IEWX+
-40°C to +85°C
36 WLP
MAX14690IEWX+T
-40°C to +85°C
36 WLP
MAX14690JEWX+
-40°C to +85°C
36 WLP
MAX14690JEWX+T
-40°C to +85°C
36 WLP
MAX14690NEWX+
-40°C to +85°C
36 WLP
MAX14690NEWX+T
-40°C to +85°C
36 WLP
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
36 WLP
W362D2+1
21-0897
Refer to
Application
Note 1891
MAX14690
Wearable Charge-Management Solution
www.maximintegrated.com
Maxim Integrated │ 45
Chip Information
PROCESS: BiCMOS
Ordering Information
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
ABRIDGED DATA SHEET


Similar Part No. - MAX14690DEWX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14690DEWX++ MAXIM-MAX14690DEWX+ Datasheet
807Kb / 47P
   PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020
MAX14690DEWX+T MAXIM-MAX14690DEWX+T Datasheet
807Kb / 47P
   PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020
More results

Similar Description - MAX14690DEWX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
   Wearable Charge Management Solution
Rev 3; 5/17
logo
Analog Devices
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
   Wearable Power-Management Solution
Rev 0; 3/23
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
   Wearable Power Management Solution
Rev 6; 10/17
logo
Analog Devices
ADP5320 AD-ADP5320 Datasheet
134Kb / 2P
   Wearable Power Management Solution for Multiple Battery Types
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Shenzhen Huazhimei Semi...
HM5805A HMSEMI-HM5805A Datasheet
839Kb / 7P
   2.1A Switch Charge and Discharge Mobile Power Management Solution
logo
Maxim Integrated Produc...
MAX14676D MAXIM-MAX14676D Datasheet
46Kb / 5P
   The MAX14676D is a battery charge management solutions ideal for low-power wearable applications
September 28, 2014
MAX14676B MAXIM-MAX14676B Datasheet
46Kb / 5P
   The MAX14676B/C are battery charge management solutions ideal for low-power wearable applications
September 18, 2014
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com