Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16122 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16122
Description  Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16122 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16122 Datasheet HTML 4Page - Maxim Integrated Products MAX16122 Datasheet HTML 5Page - Maxim Integrated Products MAX16122 Datasheet HTML 6Page - Maxim Integrated Products MAX16122 Datasheet HTML 7Page - Maxim Integrated Products MAX16122 Datasheet HTML 8Page - Maxim Integrated Products MAX16122 Datasheet HTML 9Page - Maxim Integrated Products MAX16122 Datasheet HTML 10Page - Maxim Integrated Products MAX16122 Datasheet HTML 11Page - Maxim Integrated Products MAX16122 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
All reset outputs are either active-low open-drain or
active-low push-pull (see the Selector Guide). RESET
changes from high to low whenever the monitored voltage
VCC drops below the reset threshold voltage. Once VCC
exceeds its respective reset threshold voltage, RESET
remains low for the reset timeout period (tRP) and then
goes high. RESET is one-shot pulsed whenever selected
manual reset inputs are asserted longer than the setup
delay (tSU). RESET stays asserted for the normal reset
timeout period.
RESET is guaranteed to be in the proper output
logic state for VCC ≥ 0.95V. For applications requir-
ing valid reset logic when VCC is less than 0.95V,
see the Ensuring a Valid RESET Output Down to
VCC = 0V (Push-Pull RESET Output) section.
Manual Reset Input
Each device in the MAX16122–MAX16125 family includes
at least one manual reset input, which must be held logic-
low for an extended setup period (tSU) before the RESET
output asserts. An internal pullup resistor is connected to
each manual reset input. When valid manual reset input
conditions/setup periods are met, the RESET output is
pulsed low for the reset timeout period (see Table 2).
Existing front-panel pushbutton switches (i.e., power-
on/-off, channel up/down, or mode select) can be used
to drive the manual reset inputs. The extended manual
reset setup period prevents nuisance system resets dur-
ing normal front-panel usage or resulting from inadvertent
short-term pushbutton closure.
The MAX16124/MAX16125 include a single manual reset
input (MR) and two reset outputs (RESET and SRESET).
The MAX16122/MAX16123 include two manual reset
inputs (MR1 and MR2) and one reset output, RESET. For
dual MR1 and MR2 devices, both inputs must be simulta-
neously pulled low and held for the extended setup period
(tSU) before the reset output is pulsed. The dual extended
setup provides greater protection from nuisance resets.
The MAX16122–MAX16125 RESET output is asserted
once for the reset timeout period after each valid manual
reset input condition. At least one manual reset input
must be released (go high) and then be driven low for
the extended setup period before RESET asserts again.
Internal timing circuitry debounces low-to-high manual
reset logic transitions, so no external circuitry is required.
Figure 1a. Reset Timing Diagram
tSU
tDB
tMRD
tRP
ONE-SHOT PULSE ON RESET
MR
RESET
*SRESET
(MR1 AND MR2)
GND
GND
*SRESET IS FOR MAX16124/MAX16125
( ) MR1 AND MR2 IS FOR MAX16122/MAX16123
GND
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
www.maximintegrated.com
Maxim Integrated │ 8


Similar Part No. - MAX16122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
   Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
MAX16123 MAXIM-MAX16123 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX16124 MAXIM-MAX16124 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX16125 MAXIM-MAX16125 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
More results

Similar Description - MAX16122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
   nanoPower Op Amp in a Tiny 6-Bump WLP
2017
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
   Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
MAX44265 MAXIM-MAX44265 Datasheet
364Kb / 13P
   Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 12/10
MAX40006 MAXIM-MAX40006 Datasheet
2Mb / 17P
   Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 11/16
MAX40006 MAXIM-MAX40006_V01 Datasheet
2Mb / 17P
   Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
2018
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX16125 MAXIM-MAX16125 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX77839WEVKIT MAXIM-MAX77839WEVKIT_V01 Datasheet
863Kb / 10P
   Evaluates: MAX77839 in WLP Package
2021
MAX40007 MAXIM-MAX40007 Datasheet
1Mb / 10P
   nanoPower Op Amp in Ultra-Tiny WLP and SOT23 Packages
Rev 1; 1/18
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com