Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

665104131822 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 665104131822
Description  WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

665104131822 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  665104131822 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 665104131822 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 665104131822 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
16-JUL-14
PDF
AS
APPROVAL: BBu
UNIT: MM
DESCRIPTION: WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED
HEADER
SCALE:
SHEET: 1/3
WERI PART NO: 665 1xx 131 822
DRAW: AS
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 46
FLAMMABILITY RATING: UL94-V0
COLOR: BEIGE
CONTACT MATERIAL: PHOSPHOR BRONZE
CONTACT TYPE: STAMPED
CONTACT PLATING: TIN
QUALITY CLASS: 25 MATING CYCLES
PITCH: 1.00 MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -25 UP TO 85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING:1A
WORKING VOLTAGE: 50 VAC
INSULATOR RESISTANCE: >100 MΩ
N
M
/
C
A
V
0
0
5
:
E
G
A
T
L
O
V
G
N
I
D
N
A
T
S
H
T
I
W
C
I
R
T
C
E
L
E
I
D
CONTACT RESISTANCE: 20 mΩ MAX
PACKAGING
TAPE & REEL WITH CAP
DIMENSION
A = NB. PIN - 1
B = NB. PIN - 1 + 3
SOLDERING
SOLDER TEMP.: JEDEC LEAD FREE REFLOW SOLDERING
0.3
STANDARD
CERTIFIED: E323964
B
14-OCT-14
TPK DWG UPDATE
QL


Similar Part No. - 665104131822

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
66510-RC MOLEX11-66510-RC Datasheet
34Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
More results

Similar Description - 665104131822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
6201XX131822 WURTH-6201XX131822 Datasheet
1Mb / 1P
   2.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
61900811121 WURTH-61900811121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
6531XX131822 WURTH-6531XX131822 Datasheet
829Kb / 3P
   1.25 SMT MALE HORIZONTAL SHROUDED HEADER
6481XX131822 WURTH-6481XX131822 Datasheet
708Kb / 2P
   1.50 SMT MALE HORIZONTAL SHROUDED HEADER
61901011121 WURTH-61901011121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
61900711121 WURTH-61900711121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
6650XX113322 WURTH-6650XX113322 Datasheet
430Kb / 3P
   WR-WTB 1.00 M M FE MALE TER MINAL HOU SING
B 14-OCT-14
6531XX124022 WURTH-6531XX124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com