Part Name
         Description
COP87L88EK

 8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability ( 41 Page)


NSC
100% 
Zoom Out Zoom In
 
 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 4)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
16.5
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5 µs
6.5
mA
HALT Current (Note 5)
V
CC = 5.5V, CKI = 0 MHz
12
µA
V
CC = 4.0V, CKI = 0 MHz
8
µA
IDLE Current (Note 4)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
3.5
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 10 µs
0.7
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
CKI, All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
−2
+2
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis (Note 8)
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink
V
CC = 4.5V, VOL = 1V
10
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 2.7V
−10
−110
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
TRI-STATE Leakage
V
CC = 6.0V
−2
+2
µA
Allowable Sink/Source Current per Pin
(Note 8)
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
Room Temp
±200
mA
without Latchup (Note 6)
RAM Retention Voltage, V
r
500 ns Rise
2
V
and Fall Time (min)
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
www.national.com
5



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
COP888EK8-Bit CMOS ROM Based Microcontrollers with 8k Memory Comparator and Single-slope A/D Capability 1 2 3 4 5 MoreNational Semiconductor
COP87LXXCJ8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator 1 2 3 4 5 MoreNational Semiconductor
COP8FG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor
COP8SGE7HLQ88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor
COP8SG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor
COP8SGR728M88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor
COP87L88GD8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler 1 2 3 4 5 MoreNational Semiconductor
COP820CJ8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory Comparator and Brown Out Detector 1 2 3 4 5 MoreNational Semiconductor
COP87L84BC8-Bit CMOS OTP Microcontrollers with 16k Memory Comparators and CAN Interface 1 2 3 4 5 MoreNational Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl