Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11312GTJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11312GTJ
Description  PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11312GTJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11312GTJ Datasheet HTML 1Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 2Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 3Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 4Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 5Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 6Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 7Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 8Page - Maxim Integrated Products MAX11312GTJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
ADC Electrical Specifications
(VAVDD = 4.75V to 5.25V, VDVDD = 3.3V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V,
VADCREF = 2.5V (Internal), fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40°C to +105°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
MAX11312
PIXI, 12-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE (SINGLE-ENDED INPUTS)
Signal-to-Noise Plus Distortion
SINAD
fS = 400ksps, fIN = 10kHz
70
dB
Signal to Noise
SNR
fS = 400ksps, fIN = 10kHz
71
dB
Total Harmonic Distortion
THD
fS = 400ksps, fIN = 10kHz
-75
dB
Spurious-Free Dynamic Range
SFDR
fS = 400ksps, fIN = 10kHz
75
dB
Crosstalk
-85
dB
DYNAMIC PERFORMANCE (DIFFERENTIAL INPUTS)
Signal-to-Noise Plus Distortion
SINAD
fS = 400ksps, fIN = 10kHz
71
dB
Signal to Noise
SNR
fS = 400ksps, fIN = 10kHz
72
dB
Total Harmonic Distortion
THD
fS = 400ksps, fIN = 10kHz
-82
dB
Spurious-Free Dynamic Range
SFDR
fS = 400ksps, fIN = 10kHz
82
dB
Crosstalk
-85
dB
CONVERSION RATE
Throughput (Note 4)
ADCCONV[1:0] = 00
200
ksps
ADCCONV[1:0] = 01
250
ADCCONV[1:0] = 10
333
ADCCONV[1:0] = 11
400
Acquisition Time
tACQ
ADCCONV[1:0] = 00
3.5
μs
ADCCONV[1:0] = 01
2.5
ADCCONV[1:0] = 10
1.5
ADCCONV[1:0] = 11
1.0
ANALOG INPUT (All Ports)
Absolute Input Voltage (Note 5)
VPORT
Range 1
0
10
V
Range 2
-5
+5
Range 3
-10
0
Range 4
0
2.5
Input Resistance
Range 1, 2, 3
70
100
130
Range 4
50
75
100


Similar Part No. - MAX11312GTJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11312GTJ++ MAXIM-MAX11312GTJ+ Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ+T MAXIM-MAX11312GTJ+T Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
More results

Similar Description - MAX11312GTJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11311 MAXIM-MAX11311 Datasheet
3Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Rev 0; 12/15
MAX11312 MAXIM-MAX11312_V01 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11301 MAXIM-MAX11301_V01 Datasheet
2Mb / 55P
   PIXI, 20-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
   8-Bit 12-Ch I/O DAC
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com