Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11311 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11311
Description  PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11311 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11311 Datasheet HTML 1Page - Maxim Integrated Products MAX11311 Datasheet HTML 2Page - Maxim Integrated Products MAX11311 Datasheet HTML 3Page - Maxim Integrated Products MAX11311 Datasheet HTML 4Page - Maxim Integrated Products MAX11311 Datasheet HTML 5Page - Maxim Integrated Products MAX11311 Datasheet HTML 6Page - Maxim Integrated Products MAX11311 Datasheet HTML 7Page - Maxim Integrated Products MAX11311 Datasheet HTML 8Page - Maxim Integrated Products MAX11311 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
(VAVDD = 4.75V to 5.25V, VDVDD = 3.3V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V, VADCREF = 2.5V
(Internal), fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40°C to +105°C, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
(VAVDD = 5.0V, VDVDD = 3.3V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V, VADCREF = 2.5V (Internal),
fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40°C to +105°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GPIO EXCEPT IN BIDIRECTIONAL LEVEL TRANSLATION MODE
Programmable Input Logic
Threshold
VITH
0.3
VDACREF
V
Input High Voltage
VIH
VITH +
0.3
V
Input Low Voltage
VIL
VITH - 0.3
V
Hysteresis
±30
mV
Programmable Output Logic Level
VOLVL
0
4 x
VDACREF
V
Propagation Delay from GPI Input
to GPO Output in Unidirectional
Level Translating Mode
Midscale threshold, 5V logic swing
2
µs
BIDIRECTIONAL LEVEL TRANSLATION PATH AND ANALOG SWITCH
Input High Voltage
VIH
1
V
Input Low Voltage
VIL
0.2
V
On-Resistance
From VAVSSIO +2.50V to VAVDDIO - 2.50V
60
Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC INTERNAL REFERENCE
Reference Output Voltage
Internal references at TA = +25°C
2.494
2.5
2.506
V
REF Output Tempco (Note 6)
TC-VREF
±10
±25
ppm/°C
Capacitor Bypass at ADC_INT_
REF
4.7
10
µF
DAC INTERNAL REFERENCE
Reference Output Voltage
Internal references at TA = +25°C
2.494
2.5
2.506
V
REF Output Tempco (Note 6)
TC-VREF
±10
±25
ppm/°C
Capacitor Bypass at DAC_REF
4.7
10
µF
DAC EXTERNAL REFERENCE
Reference Input Range
1.25
2.5
V
MAX11311
PIXI, 12-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 5
REF Electrical Specifications
GPIO Electrical Specifications


Similar Part No. - MAX11311

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11311 MAXIM-MAX11311 Datasheet
9Mb / 18P
   Proven PCB Layout
Rev 0; 2/16
MAX11311GTJ++ MAXIM-MAX11311GTJ+ Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11311GTJ+T MAXIM-MAX11311GTJ+T Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11311PMB MAXIM-MAX11311PMB Datasheet
9Mb / 18P
   Proven PCB Layout
Rev 0; 2/16
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
More results

Similar Description - MAX11311

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11312 MAXIM-MAX11312 Datasheet
3Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Rev 0; 2/16
MAX11312 MAXIM-MAX11312_V01 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11301 MAXIM-MAX11301_V01 Datasheet
2Mb / 55P
   PIXI, 20-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
   8-Bit 12-Ch I/O DAC
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com