Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7824 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # AN7824
Description  EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN7824 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button AN7824 Datasheet HTML 2Page - Fairchild Semiconductor AN7824 Datasheet HTML 3Page - Fairchild Semiconductor AN7824 Datasheet HTML 4Page - Fairchild Semiconductor AN7824 Datasheet HTML 5Page - Fairchild Semiconductor AN7824 Datasheet HTML 6Page - Fairchild Semiconductor AN7824 Datasheet HTML 7Page - Fairchild Semiconductor AN7824 Datasheet HTML 8Page - Fairchild Semiconductor AN7824 Datasheet HTML 9Page - Fairchild Semiconductor AN7824 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
5/22/97
AN7820/24
Table 5: Timing Specification
Function Description
Min
Typ
Max
Unit
tpd1
SPT7820/24, CLK
to Data Valid Prop
Delay
-
14
18
nsec
tdp2
MAX9686 Prop.
Delay
-
6
9
nsec
tdp3
SPT7820/24, T(fall)
Prop. Delay
4.5
7
10
nsec
tdp4
74F174, Prop.
Delay
4.5
7
10
nsec
ts
74F174 Setup Time
4
-
-
nsec
th
74174, Hold Time
4
-
-
nsec
tpwH
CLK Positive Pulse
Width (SPT7820)
20
-
300
nsec
tpwL
CLK Negative Pulse
Width (SPT7820)
20
-
-
nsec
tpwH
CLK Positive Pulse
width (SPT7824)
10
-
300
nsec
tpwL
CLK Negative pulse
Width (SPT7824)
10
-
-
nsec
SPT7820/24 ACQUISITION TIME SPECIFICATION
Figure 8: Acquisition Time
Tacq 1
ANALOG
INPUT
CLOCK
INPUT
INTERNAL
THA OUTPUT
Settle to 1/2 LSB
Vin Hold time
(5 ns min)
INTERNAL
THA TIMING
50%
HOLD
TRACK
TpwH
Tacq 2
- 2V
+ 2V
+ FS
- FS
TRACK
The acquisition time (Tacq) is defined as the hold to track full
scale settling time for the internal track-and-hold (THA). Logic
low of the clock input corresponds to track mode and logic
high is the hold mode for the internal THA. Figure 8 shows two
types of acquisition time:
1) Tacq 1 is the settling time of the THA when it is in track
and it is driven by the analog input switching.
2) Tacq 2 is the amount of time it takes for the internal
THA of the ADC to reacquire the analog input when
switching from hold to track (CLK IN from high to low)
to within 1/2 LSB.
Both Tacq 1 and Tacq 2 need the same amount of time (see
the acquisition time specification in the respective data sheet).
The low-to-high clock transition should be placed after both
the analog input and internal THA are settled. The analog
input must remain for at least 5 ns (Vin hold time) after the low
to high clock transition. Keep the clock positive pulse width
(TpwH) to within the recommended limit. (Refer to the speci-
fication in the respective data sheet.)
TIMING CONSIDERATIONS WHEN USING AN
EXTERNAL TRACK-AND-HOLD
The signal-to-noise ratio (SNR) and the total harmonic distor-
tion (THD) degrade as the analog input frequency increases.
These parameters imply that the differential linearity error
(DLE) and the integral linearity error (ILE) degrades as well
at high frequency. This degradation is mainly due to aperture
jitter and/or analog input bandwidth limitation and/or slew rate
limitation of the SPT7820 and SPT7824. Below 1 MHz, the
SNR and THD of the SPT7820 and SPT7824 are generally
constant. In order to bring these accuracies up (at high
frequency), you may need to buffer the analog input using a
track-and-hold amplifier (THA). THAs can be imperfect (es-
pecially at high frequency); otherwise, the dynamic perfor-
mance of the SPT7820 or SPT7824 would be constant and
equal to its performance at 1 MHz.
Selecting an acceptable THA for a specific application is
sometimes difficult. The timing diagram shown in figure 9 and
table 6 illustrate the critical timing necessary when driving the
ADC from a THA.
Figure 9-Critical Timing Between External THA and ADC
T R A C K
H O L D
th1
tacq
(ADC)
THA IN
THA OUT
THA
DIFF CLK
ADC
CLK
Droop
Pedestal
tHTS
tTHS
tpd1
Valid Data
Valid Data
tHTS
ADC
OUT
Aperture delay
(THA
tacq )


Similar Part No. - AN7824

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7824 PANASONIC-AN7824 Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7824 PANASONIC-AN7824 Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
List of Unclassifed Man...
AN7824 ETC2-AN7824 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7824F PANASONIC-AN7824F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7824F PANASONIC-AN7824F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN7824

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com