Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF3M-1315-1B-R100 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF3M-1315-1B-R100
Description  Rotary Backlock Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF3M-1315-1B-R100 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF3M-1315-1B-R100 Datasheet HTML 1Page - Omron Electronics LLC XF3M-1315-1B-R100 Datasheet HTML 2Page - Omron Electronics LLC XF3M-1315-1B-R100 Datasheet HTML 3Page - Omron Electronics LLC XF3M-1315-1B-R100 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
14
XF3M
Rotary Backlock Connector (0.5-mm Pitch, 1.0-mm Pitch, Dual Contact, Upper Contact)
For FPC/FFC
Rotary Backlock Connectors Provide
Improved Insertion of FPC/FFC
Cables and helps Confirm Proper
Connection with Sure Lock Feel.
• Models available with 0.5-mm or 1.0-mm pitch.
• Models available with dual contacts or upper contacts.
(Models with upper contacts come only with a 0.5-mm pitch.)
• Models available with gold or tin plating.
(Tin plating is available only with models with dual contacts.)
• Models with 80 pins (multiple type) available with 0.5-mm pitch.
• Applicable FPC/FFC thickness of 0.3 mm.
• Halogen Free (*)
* OMRON uses the following standard to determine halogen-free construction: 900 ppm
max. for Br, 900 ppm max. for Cl, and 1,500 ppm max. for Br+Cl.
RoHS compliant
■ Ratings and Specifications
■ Materials and Finish
■ Model Number Legend (Refer to Models on pages 15, 16 and 17 for the product lineup.)
Rated current
0.5 A AC/DC
Rated voltage 50 V AC/DC
Contact resistance 50 m
Ω max. (at 20 mV DC max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 V DC)
Dielectric strength
250 V AC for 1 min. (leakage current: 1 mA max.)
Insertion durability
Gold plating: 20 times
Tin plating: 10 times
Ambientoperatingtemperature
−30 to 85 °C (With no icing or condensation)
Model
Dual Contact Models
Upper-contact
Models
Item
Gold plating
Tin plating
Gold plating
Housing
LCP resin (UL94 V-0)/natural
LCP resin
(UL94 V-0)/gray
Slider
LCP resin (UL94 V-0)/black
Contacts
Spring copper alloy/nickel substrate (1.5
μm)
Gold-plated
contacts (flash)
Tin-plated
contacts (1
μm)
Gold-plated
contacts (flash)
Hold-down Copper alloy/tin plating (1
μm)
XF3M
@-@@@5-1@@-@
(1)
(2) (3)(4) (5)(6)(7) (8)
(2) Number of Signal
Contact Pins
(3) Signal Contact Arrangement
1 : Dual Contact
2 : Upper Contact
(1) Classification in Series
3M
: 0.5 mm pitch
3M(1) : 1.0 mm pitch
(4) Terminal Shape
5 : SMT terminals (side entry)
(5) Applicable FPC/
FFC thickness
1 : 0.3mm
(6) Plating
B : Au flash
D : Sn
(7) Slider
Blank : Standard
E
: Easy-operation connector
(8) Packing unit
R100 : 100pcs


Similar Part No. - XF3M-1315-1B-R100

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3006-VOCMC XFMRS-XF3006-VOCMC Datasheet
37Kb / 1P
   COMMON MODE CHOKE
XF3006C-EP7S XFMRS-XF3006C-EP7S Datasheet
57Kb / 1P
   TRANSFORMER
XF3009-VO1 XFMRS-XF3009-VO1 Datasheet
35Kb / 1P
   TORODIAL INDUCTOR
XF303015-2R2M XFMRS-XF303015-2R2M Datasheet
46Kb / 1P
   SMD INDUCTOR
XF30438 XFMRS-XF30438 Datasheet
42Kb / 1P
   TRANSFORMER
More results

Similar Description - XF3M-1315-1B-R100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M OMRON-XF2M Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2B OMRON-XF2B Datasheet
323Kb / 4P
   Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
   Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
   Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3Z OMRON-XF3Z Datasheet
317Kb / 2P
   Rotary Frontlock Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com