Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP252 Datasheet(PDF) 5 Page - Tontek Design Technology

Part # TTP252
Description  Target Spec.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP252 Datasheet(HTML) 5 Page - Tontek Design Technology

  TTP252 Datasheet HTML 1Page - Tontek Design Technology TTP252 Datasheet HTML 2Page - Tontek Design Technology TTP252 Datasheet HTML 3Page - Tontek Design Technology TTP252 Datasheet HTML 4Page - Tontek Design Technology TTP252 Datasheet HTML 5Page - Tontek Design Technology TTP252 Datasheet HTML 6Page - Tontek Design Technology TTP252 Datasheet HTML 7Page - Tontek Design Technology TTP252 Datasheet HTML 8Page - Tontek Design Technology TTP252 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Preliminary
TTP252
TonTouch
TM
12’/08/21
Page 5 of 40
Ver: 3.0
§ IO Cell type Description:
Pin Name
I/O Type
Description
PA0~PA1
Figure IO-A STD IO with external input
PA2~PA3
Figure IO-B STD IO with internal output
PB0
Figure IO-C STD IO
PB1
Figure IO-A STD IO with external input
PB2~PB3
Figure IO-C STD IO
PC0
Figure IO-E Input Port
PC1
Figure IO-C STD IO
PC2
Figure IO-A STD IO with external input
PC3,PD0
Figure IO-D STD IO with internal output & external input
PD0~PD3
Figure IO-A STD IO with external input
§ Absolute Maximum ratings:
ITEM
SYMBOL
RATING
UNIT
Operating Temperature
Top
-20℃ ~ +70℃
Storage Temperature
Tst
-50℃ ~ +125℃
Supply Voltage
VDD
VSS-0.3 ~ VSS+6.0
V
OTP Supply Voltage
VPP
VSS-0.3 ~ VSS+12.5
V
Input Voltage
Vin
VSS -0.3 ~ VDD+0.3
V
Human Body Mode
ESD
>=5
KV
Note: VSS symbolizes for system ground


Similar Part No. - TTP252

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP255 TONTEK-TTP255 Datasheet
398Kb / 49P
   Target Spec.
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
   Preliminary
TTP258OD-FOBN TONTEK-TTP258OD-FOBN Datasheet
317Kb / 44P
   Preliminary
TTP258RD-AOBN TONTEK-TTP258RD-AOBN Datasheet
317Kb / 44P
   Preliminary
TTP259 TONTEK-TTP259 Datasheet
587Kb / 81P
   Preliminary
More results

Similar Description - TTP252

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP255 TONTEK-TTP255 Datasheet
398Kb / 49P
   Target Spec.
logo
Baumer IVO GmbH & Co. K...
N155 IVO-N155 Datasheet
471Kb / 4P
   Target Displays
logo
Semikron International
SKM75GB12V SEMIKRON-SKM75GB12V Datasheet
388Kb / 3P
   Target Data
SKM150GB12V SEMIKRON-SKM150GB12V Datasheet
388Kb / 3P
   Target Data
logo
List of Unclassifed Man...
PI-5328 ETC2-PI-5328 Datasheet
363Kb / 1P
   Target Contact
logo
Vitesse Semiconductor C...
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
   Target Specification
logo
Semikron International
SKM150GAL12V SEMIKRON-SKM150GAL12V Datasheet
424Kb / 3P
   Target Data
logo
Vitesse Semiconductor C...
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
   MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
   MODULE SPEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com