Electronic Components Datasheet Search |
|
KBP02 Datasheet(PDF) 1 Page - Mospec Semiconductor |
|
KBP02 Datasheet(HTML) 1 Page - Mospec Semiconductor |
1 / 2 page MOSPEC KBP005/RS201 THRU KBP10/RS207 SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere FEATURES * Low cost * High forward surge current capability * Ideal for printed circuit board * High temperature soldering guaranteed: 260 oc/10 second at 5 lbs. (2.3kg) tension MECHANICAL DATA * Case: Transfer molded plastic * Epoxy: UL94V-O rate flame retardant * Terminals:Lead Solderable Per MIL-STD-202E method 208C * Polarity:As Marking on Body * Mounting Position: Any * Weight: 0.069 ounce, 1.95 gram MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS * Rating at 25℃ ambient temperature unless otherwise specified * Single phase,half wave. 60Hz, resistive or inductive load. * For capacitive load derate current by 20 % KBP005 KBP01 KBP02 KBP04 KBP06 KBP08 KBP10 Characteristic Symbol RS201 RS202 RS203 RS204 RS205 RS206 RS207 Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V Average Rectifier Forward Current (Note 1) @ TA=50℃ IO(AV) 2.0 A Non-Repetitive Peak Surge Current 8.3 ms Single half sine-wave superimposed on rated load ( JEDEC Method) IFSM 50 A Forward Voltage (per element) ( IF =2.0 Amp) VFM 1.0 V Peak Reverse Current ( Rated DC Voltage, TC = 25℃) ( Rated DC Voltage, TC = 100℃) IR 10 0.5 uA mA Rating for Fusing( t<8.3 ms) I 2t 10 A 2s Typical Junction Capacitance per element (Note2) CJ 20 pF Typical Thermal Resistance (note 3) Rθ jA 28 k/W Operating and Storage Temperature Range TJ , Tstg -65 to +150 ℃ Note: 1 Lead maintained at ambient temperature at a distance of 9.5 mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 3. Thermal resistance junction to ambient, mounted on PC board with 12 mm 2 copper pad. |
Similar Part No. - KBP02 |
|
Similar Description - KBP02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |