Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1244 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1244
Description  Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1244 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS1244 Datasheet HTML 5Page - Burr-Brown (TI) ADS1244 Datasheet HTML 6Page - Burr-Brown (TI) ADS1244 Datasheet HTML 7Page - Burr-Brown (TI) ADS1244 Datasheet HTML 8Page - Burr-Brown (TI) ADS1244 Datasheet HTML 9Page - Burr-Brown (TI) ADS1244 Datasheet HTML 10Page - Burr-Brown (TI) ADS1244 Datasheet HTML 11Page - Burr-Brown (TI) ADS1244 Datasheet HTML 12Page - Burr-Brown (TI) ADS1244 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ADS1244
9
SBAS273
www.ti.com
To help see the response at lower frequencies, Figure 7
illustrates the response out to 180Hz. Notice that both 50Hz
and 60Hz signals are rejected. This feature is very useful for
eliminating power line cycle interference during measure-
ments. Figure 8 shows the ADS1244’s response around
these frequencies.
The ADS1244’s data rate and frequency response scale
directly with CLK frequency. For example, if fCLK increases
from 2.4576MHz to 4.9152MHz, the data rate increases from
15sps to 30sps while the notches in the response at 50Hz
and 60Hz move out to 100Hz and 120Hz.
SETTLING TIME
The ADS1244 has single-cycle settling. That is, the output
data is fully settled after a single conversion—there is no
need to wait for additional conversions before retrieving the
data when there is a change on the analog inputs.
In order to realize single-cycle settling, synchronize changes
on the analog inputs to the conversion beginning, which is
indicated by the falling edge of DRDY/DOUT. For example,
when using a multiplexer in front of the ADS1244, change the
multiplexer’s inputs when DRDY/DOUT goes LOW. Increas-
ing the time between the conversion beginning and the
change on the analog inputs (tDELAY) will result in a settling
error in the conversion data, as shown in Figure 9. The
settling error versus delay time is shown in Figure 10. If the
input change is delayed to the point where the settling error
is too high, simply ignore the first data result and wait for the
second conversion which will be fully-settled.
FIGURE 9. Analog Input Change Timing.
Begin New Conversion,
Complete Previous Conversion
New Conversion Complete
t
DELAY
DRDY/DOUT
V
IN
Previous Conversion Data
FIGURE 10. Settling Error vs Delay Time.
SETTLING ERROR vs DELAY TIME
f
CLK = 2.4576MHz
Delay Time, t
DELAY (ms)
2
4
6
8
10
12
14
16
0
10.000000
1.000000
0.100000
0.010000
0.001000
0.000100
0.000010
0.000001
FIGURE 7. Frequency Response to 180Hz.
FIGURE 8. Frequency Response Near 50Hz and 60Hz.
FREQUENCY RESPONSE TO 180Hz
f
CLK = 2.4576MHz
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY RESPONSE NEAR 50Hz AND 60Hz
f
CLK = 2.4576MHz
Frequency (Hz)
50
55
60
65
45
–40
–50
–60
–70
–80
–90
–100
–110
–120


Similar Part No. - ADS1244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1244 TI1-ADS1244 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1244IDGSR TI1-ADS1244IDGSR Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1244IDGSRG4 TI1-ADS1244IDGSRG4 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1244IDGST TI1-ADS1244IDGST Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1244IDGSTG4 TI1-ADS1244IDGSTG4 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1244 TI1-ADS1244_14 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com