Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP259 Datasheet(PDF) 9 Page - Tontek Design Technology

Part # TTP259
Description  Preliminary
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259 Datasheet(HTML) 9 Page - Tontek Design Technology

Back Button TTP259 Datasheet HTML 5Page - Tontek Design Technology TTP259 Datasheet HTML 6Page - Tontek Design Technology TTP259 Datasheet HTML 7Page - Tontek Design Technology TTP259 Datasheet HTML 8Page - Tontek Design Technology TTP259 Datasheet HTML 9Page - Tontek Design Technology TTP259 Datasheet HTML 10Page - Tontek Design Technology TTP259 Datasheet HTML 11Page - Tontek Design Technology TTP259 Datasheet HTML 12Page - Tontek Design Technology TTP259 Datasheet HTML 13Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 9 of 81
Ver: 1.1
RSTB Pull-up Resistor
RPH
VDD=5.0V
30
50
80
KΩ
Low Voltage Reset (LVR) VLVR1
For AC application
2.7
3.0
3.3
V
VLVR2
2.0
2.2
2.4
V
LDO Voltage
VLDO1
3.8
4.2
4.6
V
VLDO2
2.4
2.7
3.0
V
Bandgap Voltage
VBGAP
1.0 1.12 1.23
V


Similar Part No. - TTP259

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP252 TONTEK-TTP252 Datasheet
391Kb / 40P
   Target Spec.
TTP255 TONTEK-TTP255 Datasheet
398Kb / 49P
   Target Spec.
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
   Preliminary
TTP258OD-FOBN TONTEK-TTP258OD-FOBN Datasheet
317Kb / 44P
   Preliminary
TTP258RD-AOBN TONTEK-TTP258RD-AOBN Datasheet
317Kb / 44P
   Preliminary
More results

Similar Description - TTP259

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5510G GOOD-ARK-SSF5510G Datasheet
482Kb / 4P
   Preliminary
SSF5510G GOOD-ARK-SSF5510G_15 Datasheet
482Kb / 4P
   Preliminary
logo
Tontek Design Technolog...
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
   Preliminary
TTR011 TONTEK-TTR011 Datasheet
489Kb / 41P
   Preliminary
logo
GOOD-ARK Electronics
SSF5508D GOOD-ARK-SSF5508D Datasheet
826Kb / 6P
   Preliminary
logo
Asahi Kasei Microsystem...
AK8998 AKM-AK8998 Datasheet
987Kb / 59P
   Preliminary
logo
GOOD-ARK Electronics
SSF5508D GOOD-ARK-SSF5508D_15 Datasheet
826Kb / 6P
   Preliminary
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com