Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C32-20R Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # 80C32-20R
Description  CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

80C32-20R Datasheet(HTML) 1 Page - TEMIC Semiconductors

  80C32-20R Datasheet HTML 1Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 2Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 3Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 4Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 5Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 6Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 7Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 8Page - TEMIC Semiconductors 80C32-20R Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
80C32/80C52
MATRA MHS
Rev. E (31/08/95)
1
Description
MHS’s 80C52 and 80C32 are high performance CMOS
versions of the 8052/8032 NMOS single chip 8 bit
µC.
The fully static design of the MHS 80C52/80C32 allows
to reduce system power consumption by bringing the
clock frequency down to any value, even DC, without loss
of data.
The 80C52 retains all the features of the 8052 : 8 K bytes
of ROM ; 256 bytes of RAM ; 32 I/O lines ; three 16 bit
timers ; a 6-source, 2-level interrupt structure ; a full
duplex serial port ; and on-chip oscillator and clock
circuits. In addition, the 80C52 has 2 software-selectable
modes of reduced activity for further reduction in power
consumption. In the idle mode the CPU is frozen while
the RAM, the timers, the serial port and the interrupt
system continue to function. In the power down mode the
RAM is saved and all other functions are inoperative.
The 80C32 is identical to the 80C52 except that it has no
on-chip ROM. MHS’s 80C52/80C32 are manufactured
using SCMOS process which allows them to run from 0
up to 44 MHz with Vcc = 5 V.
MHS’s 80C52 and 80C32 are also available at 16 MHz
with 2.7 V < VCC < 5.5 V.
D 80C32 : Romless version of the 80C52
D 80C32/80C52-L16 : Low power version
Vcc : 2.7 – 5.5 V
Freq : 0-16 MHz
D 80C32/80C52-12 : 0 to 12 MHz
D 80C32/80C52-16 : 0 to 16 MHz
D 80C32/80C52-20 : 0 to 20 MHz
D 80C32/80C52-25 : 0 to 25 MHz
D 80C32/80C52-30 : 0 to 30 MHz
D 80C32/80C52-36 : 0 to 36 MHz
D 80C32-40 : 0 to 40 MHz*
D 80C32-42 : 0 to 42 MHz*
D 80C32-44 : 0 to 44 MHz*
* 0 to 70
°C temperature range.
For other speed and temperature range availability please consult your
sales office.
Features
D Power control modes
D 256 bytes of RAM
D 8 Kbytes of ROM (80C52)
D 32 programmable I/O lines
D Three 16 bit timer/counters
D 64 K program memory space
D 64 K data memory space
D Fully static design
D 0.8µ CMOS process
D Boolean processor
D 6 interrupt sources
D Programmable serial port
D Temperature range : commercial, industrial, automotive,
military
Optional
D Secret ROM : Encryption
D Secret TAG : Identification number
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller


Similar Part No. - 80C32-20R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32-20 TEMIC-80C32-20 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results

Similar Description - 80C32-20R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com