Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB520CS-30 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # RB520CS-30
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

RB520CS-30 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  RB520CS-30 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB520CS-30 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB520CS-30 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB520CS-30 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.cj-elec.com
3
E,Mar,2015
SOD-923 Package Outline Dimensions
SOD-923 Suggested Pad Layout
Min.
Max.
Min.
Max.
A
0.350
0.430
0.014
0.017
A1
0.000
0.050
0.000
0.002
b
0.170
0.270
0.007
0.011
c
0.150
0.006
D
0.550
0.650
0.022
0.026
E
0.900
1.100
0.035
0.043
E1
0.750
0.850
0.030
0.033
θ
7° REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
7° REF.


Similar Part No. - RB520CS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB520CS-30 ROHM-RB520CS-30 Datasheet
545Kb / 4P
   Schottky barrier diode
RB520CS-30 ROHM-RB520CS-30 Datasheet
141Kb / 4P
   Schottky barrier diode
RB520CS-30 ROHM-RB520CS-30 Datasheet
415Kb / 4P
   Schottky barrier diode
RB520CS-30 ROHM-RB520CS-30 Datasheet
1Mb / 4P
   Schottky barrier diode
RB520CS-30 ROHM-RB520CS-30 Datasheet
400Kb / 4P
   Schottky barrier diode
More results

Similar Description - RB520CS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com