Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ25005 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # GBJ25005
Description  Glass passivated chip junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

GBJ25005 Datasheet(HTML) 1 Page - Mospec Semiconductor

  GBJ25005 Datasheet HTML 1Page - Mospec Semiconductor GBJ25005 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
GBJ25005 THRU GBJ2510
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
GLASS PASSIVATED BRIDGE SINGLE PHASE
BRIDGE RECTIFIERS
VOLTAGE
50 to 1000 Volts
CURRENT
25 Amperes
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated chip junction
* High case dielectric strength of 1500 VRMS
* Ideal for printed circuit boards
* Low Reverse Leakage Current
* Surge Overload Rating to 350A Peak
MECHANICAL DATA
* Case: Molded plastic body
* Terminal: Plated leads solderable per
MIL-STD-202, Method 208
* Polarity: Molded on Body
* Mounting :Through Hole for #6 Screw
* Mounting Torque: 6 in-lbs max.
* Weight: 6.6g
* Marking:Type Number
* Rating at 25℃ ambient temperature unless otherwise specified
* Single phase,half wave. 60Hz, resistive or inductive load.
* For capacitive load derate current by 20 %
Characteristic
Symbo
l
GBJ25005 GBJ2501 GBJ2502 GBJ2504 GBJ2506 GBJ2508 GBJ2510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Forward Current @ TC=100℃
I0)
25
A
Non-Repetitive Peak Surge Current
8.3 ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
350
A
Forward Voltage (per element) ( IF =10 Amp)
VFM
1.05
V
Peak Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
10
500
uA
I
2 t Rating for Fusing( t<8.3 ms)
I
2t
510
A
2s
Typical Junction Capacitance per Element (note2)
CJ
60
pF
Maximum Thermal Resistance per leg(note 3)
Rθ jc
1.0
oC/W
Operating and Storage Temperature Range
TJ , Tstg
-65 to +150
Note: NOTES:
1.
Non-repetitive ,For 1>1ms and<8.3ms.
2.
Measure at 1.0 Hz and applied reverse voltage of 4.0V DC.
3.
Thermal resistance from junction to case per element,Unit mounted 220×220×1.6mm aluminmum plate heat sink.


Similar Part No. - GBJ25005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005 Datasheet
197Kb / 2P
   25Amp Glass Passivated Bridge Rectifiers
logo
Weitron Technology
GBJ25005 WEITRON-GBJ25005 Datasheet
802Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
GBJ25005 YFWDIODE-GBJ25005 Datasheet
477Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ25005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Vishay Siliconix
GPP15A VISHAY-GPP15A Datasheet
77Kb / 4P
   Glass passivated chip junction
Revision: 14-Jan-11
logo
List of Unclassifed Man...
6A05G ETC2-6A05G Datasheet
99Kb / 2P
   Glass passivated chip junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com