Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B963022 Datasheet(PDF) 2 Page - Alpha Wire

Part # B963022
Description  CUSTOMER PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

B963022 Datasheet(HTML) 2 Page - Alpha Wire

  B963022 Datasheet HTML 1Page - Alpha Wire B963022 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: B963022
Issue:
1
Page 2 of 2 Pages
Issue Date:
9/8/2010
Effective Date:
11/3/2010
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
6) Conductor DCR
85.28 Ω/Km @20°C, Nominal
7) OA Shield DCR
52.152 Ω/Km @20°C, Nominal
F.
Other
1) Packaging
Flange x Traverse x Barrel (inches)
a) 3280 FT
20 x 11 x 8 Continuous length
b) 1640 FT
16 x 11 x 8 Continuous length
c)
328 FT
10 x 4 x 3.5 Continuous length
d) 164 FT
10 x 4 x 3.5 Continuous length
[Spool dimensions may vary slightly]


Similar Part No. - B963022

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
B963021 ALPHAWIRE-B963021 Datasheet
68Kb / 2P
   Component 1 2 X 1 PAIR
B963023 ALPHAWIRE-B963023 Datasheet
69Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B963024 ALPHAWIRE-B963024 Datasheet
69Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results

Similar Description - B963022

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
B963064 ALPHAWIRE-B963064 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B963114 ALPHAWIRE-B963114 Datasheet
71Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B964054 ALPHAWIRE-B964054 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6419 ALPHAWIRE-6419 Datasheet
76Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86406CY ALPHAWIRE-86406CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86504CY ALPHAWIRE-86504CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86703CY ALPHAWIRE-86703CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
5902C ALPHAWIRE-5902C Datasheet
79Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com