Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6038263 Datasheet(PDF) 2 Page - SICK AG

Part # 6038263
Description  LEVEL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6038263 Datasheet(HTML) 2 Page - SICK AG

  6038263 Datasheet HTML 1Page - SICK AG 6038263 Datasheet HTML 2Page - SICK AG 6038263 Datasheet HTML 3Page - SICK AG 6038263 Datasheet HTML 4Page - SICK AG 6038263 Datasheet HTML 5Page - SICK AG 6038263 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LBV330-XXBGDRANX2100 | LBV300
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LBV330-XXBGDRANX2100
6038263
Other models and accessories
www.sick.com/LBV300
Detailed technical data
Features
Medium
Bulk solids
Measurement
Switch
Probe length
2,100 mm
Process pressure
–1 bar ... 25 bar
Process temperature
–50 °C ... +250 °C
Fill material density
≥ 0.008
Particle size
< 10 mm
Performance
Accuracy of sensor element
± 10 mm
Repeatability
≤ 5 mm
Response time
500 ms when covered / 1,000 ms when uncovered
Electronics
Power consumption
5 mA ... 30 mA
Initialization time
< 2 s
VDE protection class 1
Electrical connection
½" NPT
Supply voltage
Double relay (DPDT): 20 V DC ... 72 V DC / 20 V AC ... 253 V AC
Hysteresis
10 mm
Output current
> 10 µA; < 3A AC, 1A DC
Inductive load
750 VA 54 W
Capacitive load
750 VA 54 W
Contact load
Min. 50 mW / max. 750 VA, 54 W
Enclosure rating
IP 66 / IP 67
Mechanics
Process connection
G 1½ A PN 25
Housing material
Aluminum
Sensor material
Stainless steel 1.4404
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-17 16:55:06
Subject to change without notice


Similar Part No. - 6038263

ManufacturerPart #DatasheetDescription
logo
SICK AG
6038260 SICK-6038260 Datasheet
468Kb / 6P
   LEVEL SENSORS
6038261 SICK-6038261 Datasheet
468Kb / 6P
   LEVEL SENSORS
6038262 SICK-6038262 Datasheet
468Kb / 6P
   LEVEL SENSORS
6038264 SICK-6038264 Datasheet
468Kb / 6P
   LEVEL SENSORS
6038265 SICK-6038265 Datasheet
468Kb / 6P
   LEVEL SENSORS
More results

Similar Description - 6038263

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com