Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1117K33LA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1117K33LA
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117K33LA Datasheet(HTML) 1 Page - Anachip Corp

  AP1117K33LA Datasheet HTML 1Page - Anachip Corp AP1117K33LA Datasheet HTML 2Page - Anachip Corp AP1117K33LA Datasheet HTML 3Page - Anachip Corp AP1117K33LA Datasheet HTML 4Page - Anachip Corp AP1117K33LA Datasheet HTML 5Page - Anachip Corp AP1117K33LA Datasheet HTML 6Page - Anachip Corp AP1117K33LA Datasheet HTML 7Page - Anachip Corp AP1117K33LA Datasheet HTML 8Page - Anachip Corp AP1117K33LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Aug 17, 2004
1/11
Features
- 1.4V maximum dropout at full load current
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Packages: SOT223, TO263, TO252, TO220,
SOT89
- Good noise rejection
- 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 1.9V,
2.5V, 3.3V, 5.0V
Applications
- PC peripheral
- Communication
General Description
AP1117 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 1A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
AP1117 is also well suited for other applications
such as VGA cards. AP1117 is guaranteed to have
lower than 1.4V dropout at full load current making
it ideal to provide well-regulated outputs of 1.25 to
5.0 with 6.4V to 12V input supply.
Ordering Information
AP 1117 X XX X X
Low Dropout Regulator
Package
Vout
E : SOT223-3L
K : TO263-3L
D : TO252-3L
T : TO220-3L
Y : SOT89-3L
Blank : ADJ
15 : 1.5V
18 : 1.8V
19: 1.9V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Packing
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Typical Circuit
C2
100uF
5V
3.3V/1A
Tab is Vout
Vin
Vout
GND
C1
100uF
( 5V/3.3V fixed output )
R1
121
R2
121
C2
100uF
5V
2.5V/1A
Tab is Vout
Vin
Vout
Adj
C1
100uF
o
V
( 5V/2.5V ADJ output )
)
1
2
REF
o
R
R
(1
V
V
+
=
Note:


Similar Part No. - AP1117K33LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117K33L-13 DIODES-AP1117K33L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117K33L-U DIODES-AP1117K33L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117K33LA

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com