Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1117Y25LA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1117Y25LA
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117Y25LA Datasheet(HTML) 4 Page - Anachip Corp

  AP1117Y25LA Datasheet HTML 1Page - Anachip Corp AP1117Y25LA Datasheet HTML 2Page - Anachip Corp AP1117Y25LA Datasheet HTML 3Page - Anachip Corp AP1117Y25LA Datasheet HTML 4Page - Anachip Corp AP1117Y25LA Datasheet HTML 5Page - Anachip Corp AP1117Y25LA Datasheet HTML 6Page - Anachip Corp AP1117Y25LA Datasheet HTML 7Page - Anachip Corp AP1117Y25LA Datasheet HTML 8Page - Anachip Corp AP1117Y25LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug 17, 2004
4/11
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
AP1117-ADJ
TJ=25
oC,(V
IN-OUT)=1.5V
IO=10mA
1.225
1.250
1.275
V
AP1117-1.5
IOUT = 10mA, TJ = 25
oC,
3V≦VIN≦12V
1.470
1.500
1.530
V
AP1117-1.8
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦12V
1.764
1.800
1.836
V
AP1117-1.9
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦12V
1.862
1.900
1.938
V
AP1117-2.5
IOUT = 10mA, TJ = 25
oC,
4V≦VIN≦12V
2.450
2.500
2.550
V
AP1117-3.3
IOUT = 10mA, TJ = 25
oC,
4.8V≦VIN≦12V
3.235
3.300
3.365
V
Output Voltage
AP1117-5.0
IOUT = 10mA, TJ = 25
oC,
6.5V≦VIN≦12V
4.900
5.000
5.100
V
Line Regulation
AP1117-XXX
IO=10mA,VOUT+1.5V<VIN<12V,
TJ=25
oC
0.2
%
AP1117-ADJ
VIN=3.3V,Vadj=0,0mA<Io<1A,
TJ=25
oC (Note 1,2)
1
%
AP1117-1.5
VIN=3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
12
15
mV
AP1117-1.8
VIN=3.3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
15
18
mV
AP1117-1.9
VIN=3.3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
16
19
mV
AP1117-2.5
VIN=4V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
20
25
mV
AP1117-3.3
VIN = 5V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
26
33
mV
Load Regulation
AP1117-5.0
VIN = 8V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
40
50
mV
Dropout Voltage
(VIN-VOUT)
AP1117-ADJ/1.5/1.8
/1.9/2.5/3.3/5.0
IOUT = 1A ,∆VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
AP1117-ADJ/1.5/1.8
/1.9/2.5/3.3/5.0
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
AP1117-XXX
0
oC≦Tj≦125oC
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
AP1117-XXX
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
SOT89
SOT-223
TO-252
TO-220/263
300
117
92
85
OC/W
JC
θ Thermal Resistance
Junction-to-Case
SOT89 : Control Circuitry/Power Transistor
SOT-223 : Control Circuitry/Power Transistor
TO-263 : Control Circuitry/Power Transistor
TO-252 : Control Circuitry/Power Transistor
TO-220 : Control Circuitry/Power Transistor
100
15
0.65/2.7
10
0.65/2.7
OC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Note3: Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - AP1117Y25LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117Y25L-13 DIODES-AP1117Y25L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y25L-U DIODES-AP1117Y25L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117Y25LA

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com