Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8NW-2S Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8NW-2S
Description  Micro-mini dual PCB relay for automobile use (2 independent circuits)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8NW-2S Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8NW-2S Datasheet HTML 1Page - Omron Electronics LLC G8NW-2S Datasheet HTML 2Page - Omron Electronics LLC G8NW-2S Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
36
G8NW
Micro-mini dual PCB relay for automobile use (2 independent circuits)
■Reference data
● Operating voltage/Release voltage
● Operating time/Release time
● Contact resistance
● Coil temperature rise
● Ambient temperature and service voltage range (Cold start)
Sample: G8NW-2S 12 VDC 225
Ω 30 pcs Sample: G8NW-2S 12 VDC 225 Ω 50 pcs
Diode to absorb coil surge,
without resistor
Sample: G8NW-2S 12 VDC 180
Ω 30 pcs Sample: G8NW-2S 12 VDC 180 Ω 30 pcs Sample: G8NW-2S 12 VDC 180 Ω 3 pcs
G8NW-2
G8NW-2S
G8NW-2U
50
40
30
20
10
0
46
2
1
08
357
10
9
Pick up voltage and drop out voltage (V)
Operating voltage
Release voltage
50
40
30
20
10
0
46
2
1
08
357
10
9
Operating time and release time (ms)
Operating time
Release time
25
20
15
10
5
0
46
2
1
08
10
3579
NO contact resistance (m
Ω)
25
20
15
10
5
0
46
2
1
08
10
3579
NC contact resistance (m
Ω)
100
80
60
40
20
0
12
14
16
Coil application voltage (V)
10 A
5 A
0 A
−60
−40 −20
0
20
40
60
80
100
0
3
6
9
12
15
18
Ambient temperature (
°C)
−60
−40 −20
0
20
40
60
80
100
0
3
6
9
12
15
18
Ambient temperature (
°C)
−60
−40 −20
0
20
40
60
80
100
0
3
6
9
12
15
18
Ambient temperature (
°C)


Similar Part No. - G8NW-2S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2S OMRON-G8NW-2S Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
More results

Similar Description - G8NW-2S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8N OMRON-G8N Datasheet
105Kb / 3P
   Micro-mini PCB relay for automobile use
logo
TDK Electronics
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
logo
OEN India Limited
40-12-2CE OENINDIA-40-12-2CE Datasheet
99Kb / 2P
   DUAL MINI RELAY
logo
ZETTLER Electronics
AZ947 ZETTLER-AZ947 Datasheet
57Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
AZ947 ZETTLER-AZ947_14 Datasheet
44Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ947 AZETTLER-AZ947 Datasheet
174Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
YAMAHA CORPORATION
YMF795 YAMAHA-YMF795 Datasheet
1Mb / 45P
   APL-2 Automobile sound Player-2
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
   micro plug-in/pcb automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com