Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6D-1A-ASI Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6D-1A-ASI
Description  Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6D-1A-ASI Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6D-1A-ASI Datasheet HTML 1Page - Omron Electronics LLC G6D-1A-ASI Datasheet HTML 2Page - Omron Electronics LLC G6D-1A-ASI Datasheet HTML 3Page - Omron Electronics LLC G6D-1A-ASI Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
G
6
D
G6D
PCB Power Relay
Slim, Miniature Relay, Capable
of Relaying Programmable
Controller and Temperature
Controller Outputs
• Reduced board space, ideal for high-density mounting (45%.
(6.5 mm (W) × 17.5 mm (L) × 12.5 mm (H))
• Small, yet switches 5 A at 250 VAC/30 VDC.
• Allows 300,000 operations with a 2A load at 250 VAC or
30 VDC.
RoHS Compliant
■Application Examples
• Ideal for output applications of control
equipments.
■Characteristics
Note. The data given above are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage
drop method.
*2.
Measurement conditions: The insulation
resistance was measured with a 500 VDC
megohmmeter at the same locations as the
dielectric strength was measured.
*3.
This value was measured at a switching
frequency of 120 operations/min.
*4.
The values indicated in parentheses ( ) are
for the G6D-1A-ASI-AP.
Contact resistance *1
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Insulation resistance *2
1,000 M
Ω min.
Dielectric
strength
Between coil
and contacts
3,000 VAC, 50/60 Hz for
1min
Between
contacts of
the same
polarity
750 VAC, 50/60 Hz for
1min
Impulse withstand voltage
(between coil and contacts)
6 kV (1.2 x 50
μs)
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm
single amplitude (1.5 mm
double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm
single amplitude
(1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
Durability
Mechanical
20,000,000 operations min.
(at 18,000 operations/hr)
Electrical
70,000 operations min.
(5 A at 250 VAC, resistive
load)
70,000 operations min.
(5 A at 30 VDC, resistive
load)
300,000 operations min.
(2 A at 250 VAC, resistive
load)
300,000 operations min.
(2 A at 30 VDC, resistive
load)
(at 1,800 operations/hr)
Failure rate (P level)
(reference value *3)
10 mA at 5 VDC
(1 mA at 5 VDC) *4
Ambient operating
temperature
-25 C to 70 C (with no icing
or condensation)
Ambient operating humidity 5% to 85%
Weight
Approx. 3 g
■Model Number Legend
G6D-
@@-@-@
—— — —
12
3
4
1. Number of Poles
1: 1-pole
2. Contact Form
A: SPST-NO (1a)
3. Contact Material
ASI: Silver alloy
(cadmium-free)
4. Contact surface
AP: Au plated
■Ordering Information
●Connecting Socket
■Ratings
●Coil
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of
±10%.
Note 2. The operating characteristics are measured at a coil temperature of 23°C.
Note 3. The “Max. voltage” is the maximum voltage that can be applied to the relay coil.
*
The must operate voltage is 75% or less of the rated voltage if the relay is mounted upside down.
●Contacts
Enclosure rating
Contact form
Terminal shape
Model
Rated coil voltage
Minimun packing
unit
Fully sealed
SPST-NO (1a) PCB terminals
G6D-1A-ASI
5 VDC
25 pcs/tube
12 VDC
24 VDC
G6D-1A-ASI-AP
12 VDC
24 VDC
Applicable relay
Model
Minimun packing unit
G6D-1A-ASI
P6D-04P
25 pcs
Item
Rated voltage
Rated
current
(mA)
Coil
resistance
(
Ω)
Must operate
voltage
(V)
Must release
voltage
(V)
Max.
voltage
(V)
Power
consumption
(mW)
% of rated voltage
5 VDC
40
125
70% max.*
10% min.
160%
(at 23 C)
Approx. 200
12 VDC
16.7
720
24 VDC
8.3
2,880
Item
Load
Resistive load
Contact Type
Single
Contact material
Ag-Alloy (Cd free)
(Ag-alloy (Cd free) and Au plated)*
Rated load
5 A at 250 VAC
5 A at 30 VDC
Rated carry current
5 A
Max. switching voltage
250 VAC, 30 VDC
Max. switching current
5 A
Note. When ordering, add the rated coil voltage to the model number.
Example: G6D-1A-ASI DC5
However, the notation of the coil voltage on the product case as well as on the packing will be marked
as
@@ VDC.
Rated coil voltage
* The content indicated in
parentheses ( ) are for
the G6D-1A-ASI-AP


Similar Part No. - G6D-1A-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
643Kb / 6P
   Power PCB Relay
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
644Kb / 6P
   Power PCB Relay
G6D-1A-ASI-APDC24 OMRON-G6D-1A-ASI-APDC24 Datasheet
643Kb / 6P
   Power PCB Relay
G6D-1A-ASI5DC OMRON-G6D-1A-ASI5DC Datasheet
644Kb / 6P
   Power PCB Relay
More results

Similar Description - G6D-1A-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6M-1A-DC5 OMRON-G6M-1A-DC5 Datasheet
367Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01 AD-TMP01 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
   Outputs Capable of Sourcing and Sinking 2A
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com