Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64818131822 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 64818131822
Description  1.50 SMT MALE HORIZONTAL SHROUDED HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

64818131822 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  64818131822 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 64818131822 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
23-JUN-08
PDF
CH
B
17-NOV-09
STANDARD
JP
C
24-NOV-10
COPLANARITY
GG
D
21-MAR-13
COPLANARITY
AR
E
F
04-AUG-14
DRWG DIMENSION
AS
G
UNIT: MM
DESCRIPTION: 1.50
SMT MALE HORIZONTAL SHROUDED HEADER
SCALE:
SHEET: 1/2
WERI PART NO:
DRAW: ANDY
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: NYLON 6T
FLAMABILITY RATING: UL94-V0
COLOR: IVORY
CONTACT MATERIAL: COPPER ALLOYS
CONTACT TYPE: STAMPED
CONTACT PLATING: TIN
QUALITY CLASS: 25 MATING CYCLES
PITCH: 1.50 MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -25 UP TO 85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 1A MAX
WORKING VOLTAGE: 50 VAC
INSULATOR RESISTANCE: >100 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500 VAC/MN
CONTACT RESISTANCE: 20 mOHM MAX
PACKAGING
TAPE & REEL
DIMENSION
NB PIN
A
B
NB PIN
A
B
2
1.50
6.00
8
10.50
15.00
3
3.00
7.50
9
12.00
16.50
4
4.50
9.00
10
13.50
18.00
5
6.00
10.50
11
15.00
19.50
6
7.50
12.00
12
16.50
21.00
7
9.00
13.50
13
18.00
22.50
MM
648 1xx 131 822
07-AUG-13
CHARACTERISTIC
QL
SOLDERING
JEDEC LEAD FREE REFLOW SOLDERING PROCESS
APPROVAL: BBu
06-AUG-15
COLOR
AK
PCB LAYOUT - COMPONENT VIEW


Similar Part No. - 64818131822

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6481 POMONA-6481 Datasheet
150Kb / 3P
   Test Connector Adapter Set
More results

Similar Description - 64818131822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6793XX124022 WURTH-6793XX124022 Datasheet
890Kb / 3P
   1.50 MM SMT MALE VERTICAL SHROUDED HEADER
I 28-FEB-17
6531XX131822 WURTH-6531XX131822 Datasheet
829Kb / 3P
   1.25 SMT MALE HORIZONTAL SHROUDED HEADER
6201XX131822 WURTH-6201XX131822 Datasheet
1Mb / 1P
   2.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
6651XX131822 WURTH-6651XX131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
6531XX124022 WURTH-6531XX124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
6203XX124022 WURTH-6203XX124022 Datasheet
715Kb / 1P
   2.00 MM SMT MALE VERTICAL SHROUDED HEADER
logo
FCI connector
20021221 FCI-CONNECTOR-20021221 Datasheet
103Kb / 2P
   1.27X1.27MM BTB HEADER SHROUDED, SMT
logo
Adam Technologies, Inc.
HSH-XX-WSG-SMT-NP-PP-TR ADAM-TECH-HSH-XX-WSG-SMT-NP-PP-TR Datasheet
88Kb / 1P
   SHROUDED HEADER VERTICAL SMT TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com