Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6220XX21121 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 6220XX21121
Description  1.27MM DUAL PIN HEADER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

6220XX21121 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  6220XX21121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
08-JAN-02
PDF
JP
B
18-DEC-06
DRAW
EC
C
23-NOV-07
MODIFICATIONS
EC
D
25-NOV-09
STANDARD
JP
E
24-OCT-11
SOLDERING
GG
F
G
APPROVAL: RJ
UNIT: MM
DESCRIPTION: 1.27MM DUAL PIN HEADER
SCALE:
SHEET: 1/1
WERI PART NO: 622 0xx 211 21
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 6T
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOYS
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 1.27MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 125°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 1A MAX
WORKING VOLTAGE: 50V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964
SOLDERING
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PACKAGING
BAG
DIMENSION
A = 1.27 x (NB. PIN / 2 - 1)
B = 1.27 x (NB. PIN / 2)
0.4 SQ
A ± 0.15
B ± 0.30
A ± 0.15
26-JUL-13
DIM A & B
QL
19-FEB-14
SOLDERING
QL


Similar Part No. - 6220XX21121

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6220 SCHURTER-6220 Datasheet
468Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220 Datasheet
371Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220 Datasheet
384Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
   DC Current Source AC and DC Current Source
logo
Schurter Inc.
6220 SCHURTER-6220 Datasheet
392Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
More results

Similar Description - 6220XX21121

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127193MA020H312ZR SUYIN-USA-127193MA020H312ZR Datasheet
95Kb / 1P
   1.27mm Pin Header Dual Row Type
127048MA006GX00ZO SUYIN-USA-127048MA006GX00ZO Datasheet
62Kb / 1P
   1.27mm PITCH PIN HEADER
logo
Wurth Elektronik GmbH &...
62100421021 WURTH-62100421021 Datasheet
224Kb / 5P
   1.27mm SMT Straight Dual Pin Header WR-PHD
002.001
62101421021 WURTH-62101421021 Datasheet
224Kb / 5P
   1.27mm SMT Straight Dual Pin Header WR-PHD
002.001
logo
SUYIN USA, INC.
127038MA012GX00ZT SUYIN-USA-127038MA012GX00ZT Datasheet
71Kb / 1P
   1.27mm PIN HEADER DUAL ROW RIGHT ANGLE TYPE
logo
Cvilux Corporation
CH0601S2 CVILUX-CH0601S2 Datasheet
196Kb / 2P
   1.27MM(.050°) STRAIGHT DUAL ROW BORAD MOUNT PIN HEADER
logo
Wurth Elektronik GmbH &...
62130821021 WURTH-62130821021 Datasheet
537Kb / 7P
   WR-PHD 1.27mm SMT Straight Dual Pin Header WR-PHD
002.004
62134421021 WURTH-62134421021 Datasheet
527Kb / 7P
   WR-PHD 1.27mm SMT Straight Dual Pin Header WR-PHD
002.004
62131021021 WURTH-62131021021 Datasheet
537Kb / 7P
   WR-PHD 1.27mm SMT Straight Dual Pin Header WR-PHD
002.004
62134021021 WURTH-62134021021 Datasheet
527Kb / 7P
   WR-PHD 1.27mm SMT Straight Dual Pin Header WR-PHD
002.004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com