Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61301821121 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61301821121
Description  2.54MM DUAL PIN HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61301821121 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61301821121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61301821121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61301821121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
UNIT: MM
SCALE:
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA6T
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 2.54MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 105°C
FLAMABILITY RATING: UL94-V0
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A
WORKING VOLTAGE: 250V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
SOLDERING
PACKAGING
BAG
DIMENSION
A = 2.54 x (NB PINS/2 -1)
B = 2.54 x (NB PINS/2)
STANDARD
CERTIFIED: E323964
26-NOV-13
MATERIAL UPDATE
QL
I
16-JUN-15
PCN PA6T
AK
APPROVAL: GMo
DESCRIPTION: 2.54MM DUAL PIN HEADER
SHEET: 1/3
WERI PART NO: 613 0xx 211 21
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PCB LAYOUT - COMPONENT VIEW


Similar Part No. - 61301821121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61301821021 WURTH-61301821021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
613018216921 WURTH-613018216921 Datasheet
365Kb / 7P
   WR-PHD Dual Socket Header Bottom Entry Large
001.003
61301821821 WURTH-61301821821 Datasheet
307Kb / 5P
   WR-PHD Dual Socket Header
001.002
More results

Similar Description - 61301821121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6100XX21121 WURTH-6100XX21121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
6130XX21021 WURTH-6130XX21021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
logo
SUYIN USA, INC.
254323MR SUYIN-USA-254323MR Datasheet
209Kb / 1P
   2.54 X 2.54mm DUAL ROW PIN HEADER
logo
Wurth Elektronik GmbH &...
6130XX11121 WURTH-6130XX11121 Datasheet
548Kb / 3P
   2.54MM PIN HEADER
logo
Adam Technologies, Inc.
2PH2R-XX-U-087-110-043 ADAM-TECH-2PH2R-XX-U-087-110-043 Datasheet
81Kb / 1P
   DUAL ROW PIN HEADER
DPH-2-XX-U-276-SMT-691 ADAM-TECH-DPH-2-XX-U-276-SMT-691 Datasheet
83Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A1-XX-SG-SMT-P ADAM-TECH-HPH2-A1-XX-SG-SMT-P Datasheet
88Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A-XX-SGA-SMT-PP ADAM-TECH-HPH2-A-XX-SGA-SMT-PP Datasheet
86Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A-XX-SGA-SMT-PP-TR ADAM-TECH-HPH2-A-XX-SGA-SMT-PP-TR Datasheet
109Kb / 1P
   DUAL ROW PIN HEADER
HPH2RA-XX-SG-SMT-120-PP ADAM-TECH-HPH2RA-XX-SG-SMT-120-PP Datasheet
86Kb / 1P
   DUAL ROW PIN HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com