Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61301011021 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61301011021
Description  2.54MM ANGLED PIN HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61301011021 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61301011021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61301011021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61301011021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 61301011021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61301011121 WURTH-61301011121 Datasheet
379Kb / 6P
   WR-PHD Pin Header
003.000
61301011821 WURTH-61301011821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
More results

Similar Description - 61301011021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6130XX21021 WURTH-6130XX21021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
61300611021 WURTH-61300611021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300911021 WURTH-61300911021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300511021 WURTH-61300511021 Datasheet
279Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300311021 WURTH-61300311021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300811021 WURTH-61300811021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300411021 WURTH-61300411021 Datasheet
279Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300711021 WURTH-61300711021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300211021 WURTH-61300211021 Datasheet
279Kb / 6P
   WR-PHD Angled Pin Header
002.000
6130XX143121 WURTH-6130XX143121 Datasheet
1Mb / 2P
   2.54MM ANGLED SOCKET HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com