Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61231820621 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61231820621
Description  WR-BHD - 2.54MM MALE SMT BOX HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61231820621 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61231820621 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61231820621 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61231820621 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
B
C
D
E
F
G
APPROVAL: GMo
UNIT: MM
R
E
D
A
E
H
X
O
B
T
M
S
E
L
A
M
M
M
4
5
.
2
D
H
B
-
R
W
:
N
O
I
T
P
I
R
C
S
E
D
SCALE:
SHEET: 2/3
WERI PART NO: 612 3xx 206 21
DRAW: AK
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
250 Pcs / Reel


Similar Part No. - 61231820621

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6123 FILTRAN-6123 Datasheet
104Kb / 1P
   POWER LINE FILTER 28VDC 100A
logo
Tyco Electronics
6123000-1 MACOM-6123000-1 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
TE Connectivity Ltd
6123000-1 TEC-6123000-1 Datasheet
192Kb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONT ROLLING ENGINEERING
logo
Tyco Electronics
6123000-2 MACOM-6123000-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
6123001-1 MACOM-6123001-1 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 61231820621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61232620621 WURTH-61232620621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
003.001
61233420621 WURTH-61233420621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61234020621 WURTH-61234020621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61232420621 WURTH-61232420621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
001.001
62702420621 WURTH-62702420621 Datasheet
302Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62733020621 WURTH-62733020621 Datasheet
388Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62736020621 WURTH-62736020621 Datasheet
386Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62701020621 WURTH-62701020621 Datasheet
303Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62703420621 WURTH-62703420621 Datasheet
302Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62732620621 WURTH-62732620621 Datasheet
388Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com