Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6101XX249221 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 6101XX249221
Description  WR-PHD - 2.54MM PCB SOCKET HEADER - SMT TYPE DOUBLE ROW - RIGHT ANGLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

6101XX249221 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  6101XX249221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 6101XX249221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 6101XX249221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 6101XX249221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6101XX249121 WURTH-6101XX249121 Datasheet
853Kb / 3P
   WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
More results

Similar Description - 6101XX249221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6101XX249121 WURTH-6101XX249121 Datasheet
853Kb / 3P
   WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
61032221821 WURTH-61032221821 Datasheet
435Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61030421821 WURTH-61030421821 Datasheet
437Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61030621821 WURTH-61030621821 Datasheet
440Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031621821 WURTH-61031621821 Datasheet
435Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031021821 WURTH-61031021821 Datasheet
446Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031421821 WURTH-61031421821 Datasheet
434Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61032621821 WURTH-61032621821 Datasheet
436Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61030821821 WURTH-61030821821 Datasheet
440Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031221821 WURTH-61031221821 Datasheet
434Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com