Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4490EN Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4490EN
Description  Premium 32-Bit 2ch DAC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4490EN Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4490EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
[AK4490EN]
015013666-E-01
2015/12
- 9 -
6.
Absolute Maximum Ratings
(AVSS=DVSS=VSSL=VSSR=VREFLL=VREFLR=0V; Note 2)
Parameter
Symbol
Min.
Max.
Unit
Power
Supplies:
Analog
Analog
Digital
Input Buffer
|AVSS
 DVSS|
(Note 3)
AVDD
VDDL/R
DVDD
TVDD
GND
0.3
0.3
0.3
0.3
-
4.6
6.0
4.6
4.6
0.3
V
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
10
mA
Digital Input Voltage
VIND
0.3
DVDD+0.3
V
Ambient Temperature (Power applied)
Ta
40
85
C
Storage Temperature
Tstg
65
150
C
Note 2. All voltages with respect to ground.
Note 3. AVSS, DVSS, VSSL and VSSR must be connected to the same analog ground plane.
Note 4. Connect at least 0.1
μF or more decoupling capacitors between VDDL/VDDR and VSSL/VSSR to
suppress affections by a static electricity noise or an over voltage (includes over shooting) that
exceeds absolute maximum ratings.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
7.
Recommended Operating Conditions
(AVSS=DVSS=VSSL=VSSR=VREFLL=VREFLR=0V; Note 2)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supplies
(Note 5)
Analog
Analog
Digital
Input Buffer
AVDD
VDDL/R
DVDD
TVDD
3.0
4.75
3.0
1.6
3.3
5.0
3.3
1.8
3.6
5.25
3.6
DVDD
V
V
V
Voltage Reference
(Note 6)
“H” voltage reference
“L” voltage reference
VREFHL/R
VREFLL/R
VDDL/R
0.5
-
VSSL/R
VDDL/R
-
V
V
Note 2. All voltages with respect to ground.
Note 5. Each power-up/down sequence is shown below.
<Power-Up>
1.
PDN pin = “L”
2. TVDD (1.8V) power-up
3. AVDD, DVDD (3V) power-up
4. VREFHL/R and VDDL/R (5V) power-up
5.
The PDN pin is allowed to be “H” after all power supplies are applied and settled.
otherwise power up the 1.8V power supply, the 3.3V power supplies and the 5V power supplies at
the same time.
<Power-down>
1.
PDN pin = “L”
2. VREFHL/R and VDDL/R (5V) power-down
3. AVDD, DVDD (3V) power-down
4. TVDD (1.8V) power-down
Note 6. The analog output voltage scales with the voltage of (VREFH
 VREFL).
AOUT (typ.@0dB) = (AOUT+)
 (AOUT) = 2.8Vpp  (VREFHL/R  VREFLL/R)/5.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - AK4490EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
255Kb / 4P
   The AK4493EQ is a new generation Premium 32-bit 2ch DAC with VELVET SOUNDTM technology
More results

Similar Description - AK4490EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4452 AKM-AK4452 Datasheet
2Mb / 82P
   115dB 768kHz 32-bit 2ch Premium DAC
AK4452VN AKM-AK4452VN Datasheet
2Mb / 91P
   115dB 768kHz 32-bit 2ch Premium DAC
AK4495SEQ AKM-AK4495SEQ Datasheet
1Mb / 58P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495 AKM-AK4495 Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4462 AKM-AK4462 Datasheet
1Mb / 104P
   117dB 768kHz 32-bit 2ch Premium DAC
AK4493 AKM-AK4493 Datasheet
2Mb / 104P
   Quality Oriented 32-Bit 2ch DAC
AK4492ECB AKM-AK4492ECB Datasheet
2Mb / 101P
   Quality Oriented 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com