Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALT6526 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ALT6526
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ALT6526 Datasheet HTML 5Page - ANADIGICS, Inc ALT6526 Datasheet HTML 6Page - ANADIGICS, Inc ALT6526 Datasheet HTML 7Page - ANADIGICS, Inc ALT6526 Datasheet HTML 8Page - ANADIGICS, Inc ALT6526 Datasheet HTML 9Page - ANADIGICS, Inc ALT6526 Datasheet HTML 10Page - ANADIGICS, Inc ALT6526 Datasheet HTML 11Page - ANADIGICS, Inc ALT6526 Datasheet HTML 12Page - ANADIGICS, Inc ALT6526 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
DATA SHEET - Rev 2.5
07/2013
ALT6526
Table 6a: Electrical Specifications - Band 3/4 (1700 MHz) LTE Operation (RB = 12, START = 0, QPSK)
(+25 8C, VBATT = VCC = +3.3 V, VEN_HI = VBAND0 = +1.8 V, VBAND1 = 0 V, VEN_LO = 0 V)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VCC
VMODE
Gain
26
-
9
28.5
18
13
32.5
-
16
dB
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
E-UTRA at ± 10 MHz offset
-
-
-
-38
-39
-40
-34
-
-34
dBc
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
ACLR1 at ± 7.5 MHz offset (1)
-
-
-
-39
-40
-41
-36
-
-36
dBc
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
ACLR2 at ± 12 MHz offset
-
-
-
-60
-60
-60
-40
-
-40
dBc
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
Efficiency (1)
30.5
-
36
3.5
-
-
%
+27.4 dBm
+9.6 dBm
3.3 V
3.3 V
0 V
+1.8 V
Quiescent Current
-
40
-
mA
through VCC1 + VCC2 pins, VMODE =
1.8 V
Noise in Receive Band
-
-
-135
-142
-
-
dBm/Hz 1805 - 1880 MHz
2110 - 2155 MHz
GPS Noise
-
-134
-
dBm/Hz POUT ≤ 27.4 dBm
ISM Noise
-
-149
-
dBm/Hz POUT ≤ 27.4 dBm
Out of Band Gain
Rx Band (B3)
Rx Band (B4)
GPS Band
ISM Band
-
-
-
-
G
G - 2
G - 1
G - 10
-
-
-
-
dB
G = In-band Gain
Harmonics
2fO
3fO, 4fO
-
-
-42
-55
-30
-35
dBc
POUT ≤ +27.4 dBm
Input Impedance
-
2:1
-
VSWR
Suprious Output Level
(all spurious outputs)
-
-
-70
dBc
See note 2.
Load mismatch stress with
no permanent degradation or
failure
8:1
-
-
VSWR Applies over full operating range
Coupling factor
-
28.5
-
dB


Similar Part No. - ALT6526

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45P9 ANADIGICS-ALT6701RM45P9 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45Q7 ANADIGICS-ALT6701RM45Q7 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6702RM45P9 ANADIGICS-ALT6702RM45P9 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
More results

Similar Description - ALT6526

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6521 ANADIGICS-AWT6521 Datasheet
1Mb / 19P
   Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
logo
Broadcom Corporation.
AJAV-6101 BOARDCOM-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band | Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6101 AVAGO-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band Power Amplifier
logo
TriQuint Semiconductor
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
   Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
logo
Skyworks Solutions Inc.
SKY77704 SKYWORKS-SKY77704 Datasheet
75Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band V (824-849 MHz)
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
   Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
   Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
TQM776011 TRIQUINT-TQM776011 Datasheet
204Kb / 1P
   Multi-mode (WCDMA B1 / CDMA BC6 / HSPA / LTE) 3x3mm PA Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-5505 AVAGO-AJAV-5505 Datasheet
244Kb / 6P
   W-CDMA/HSPA Band V Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com