Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28-GT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC28-GT
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-GT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC28-GT Datasheet HTML 1Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 2Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 3Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 4Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 5Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 6Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 7Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-GT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Span Clamps
Figure 8 Span Clamp
Provides drop wire take offs at mid-span.
Steel components mechanically galvanized ASTM B695.
Part
Number
Description
Material
Clamp
Range
PigTail
Diameter
Inner
Pack
Outer
Pack
28-09800 Fig 8 (.109-.134")
Plates - Aluminum
Hook - Steel
1/4"-7/16"
3/8"
--
50
28-09850 Fig 8 (.148-.250")
Plates - Aluminum
Hook - Steel
1/4"-7/16"
3/8"
--
25
Econospan Span Clamp
Multi directional clamp for messengered and non-messengered drop cable used for
dead-end or mid-span application.
Mechanically galvanized ASTM B695.
Part Number Description
Inner
Pack
Outer
Pack
SC03E
Clamp will Accept 1/4" (6.6MM) Steel Strand
--
100
Multi-Directional Span Clamp
Multi-directional span clamp used for drop cables at mid-span location.
Unique claw design locks in between steel strand lays to prevent rotation.
Mechanically galvanized ASTM B695.
Part Number Description
Hook Load
Capacity
Inner
Pack
Outer
Pack
SC03-1
Single Pigtail Hook for 1/4" Steel Strand
400 lbs.
--
100
SC03-2
Double Pigtail Hook for 1/4" Steel Strand
400 lbs.
--
75
Drop
Hardware


Similar Part No. - SC28-GT

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
   3W high power white LED driver
logo
VITALCONN ELECTRONICS H...
SC281 VITALCONN-SC281 Datasheet
651Kb / 3P
   SFP2*8 CAGECONN
SC28101 VITALCONN-SC28101 Datasheet
488Kb / 4P
   SFP28 2*8 CONN
SC28102 VITALCONN-SC28102 Datasheet
488Kb / 4P
   SFP28 2*8 CONN
SC28103 VITALCONN-SC28103 Datasheet
488Kb / 4P
   SFP28 2*8 CONN
More results

Similar Description - SC28-GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com