Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28-5 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SC28-5
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-5 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SC28-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC28-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
14
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Hooks, Rings, Screw Fixtures
Dead End Strap
Dead-end strap made of high quality G90 pre-galvanized steel used to dead-end a
drop cable at the house service mast.
Angle Screw Fixture
Used to attach bail wire type drop wire clamp to building.
Mechanically galvanized ASTMB695.
Part Number
Description
Inner
Pack
Outer
Pack
SC11-1
From 1" to 4" Diameter Mast
--
100
Bridle Rings
Used to support cable runs and electrical wiring.
Mechanically galvanized ASTMB695.
Part
Number
Description
Style
Eye
Dia.
Thread
Size
Max.
Load
Inner
Pack
Outer
Pack
31-00810
Wood Screw Bridle Ring
A
1-5/8"
#14
75 lbs.
--
100
31-00812
Wood Screw Bridle Ring
C
1-1/4"
#14
75 lbs.
--
100
31-00819
Wood Screw Bridle Ring
G
7/8"
#10
50 lbs.
25
100
31-00821
Machine Screw Bridle Ring
K
3/4"
#10-24 50 lbs.
100
1,000
31-00823
Machine Screw Bridle Ring
M
1-1/4" #10-24 50 lbs.
--
100
31-00824
Machine Screw Bridle Ring
P
1-3/4" #10-24 50 lbs.
--
100
31-00825
Machine Screw Bridle Ring
Q
1-1/4" 1/4"-20 50 lbs.
--
100
31-00827
Machine Screw Bridle Ring
R
1-5/8" #10-24 50 lbs.
--
100
31-00823
31-00819
31-00810
Part
Number
Description
Wood
Screw
Diameter
Shank
Diameter
Length
Machine
Thread
Length
Insulator
Shank
Length
Inner
Pack
Outer
Pack
33-00840
Angle Screw Fixture
5/16" (18)
9/32" x 2-1/4"
1"
1-1/2"
--
150
33-00841
Angle Screw Fixture
3/8"
3/8" x 2"
1-1/8"
2-1/2"
--
100


Similar Part No. - SC28-5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
   3W high power white LED driver
logo
VITALCONN ELECTRONICS H...
SC281 VITALCONN-SC281 Datasheet
651Kb / 3P
   SFP2*8 CAGECONN
SC28101 VITALCONN-SC28101 Datasheet
488Kb / 4P
   SFP28 2*8 CONN
SC28102 VITALCONN-SC28102 Datasheet
488Kb / 4P
   SFP28 2*8 CONN
SC28103 VITALCONN-SC28103 Datasheet
488Kb / 4P
   SFP28 2*8 CONN
More results

Similar Description - SC28-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com